Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8554
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554 Datasheet(HTML) 1 Page - Analog Devices

  AD8554 Datasheet HTML 1Page - Analog Devices AD8554 Datasheet HTML 2Page - Analog Devices AD8554 Datasheet HTML 3Page - Analog Devices AD8554 Datasheet HTML 4Page - Analog Devices AD8554 Datasheet HTML 5Page - Analog Devices AD8554 Datasheet HTML 6Page - Analog Devices AD8554 Datasheet HTML 7Page - Analog Devices AD8554 Datasheet HTML 8Page - Analog Devices AD8554 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8551/AD8552/AD8554
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Zero-Drift, Single-Supply,
Rail-to-Rail Input/Output
Operational Amplifiers
8-Lead SOIC
(R Suffix)
1
2
3
4
8
7
6
5
AD8551
IN A
V
+IN A
V+
OUT A
NC
NC
NC
NC = NO CONNECT
1
2
3
4
8
7
6
5
AD8552
IN A
V
+IN A
OUT B
IN B
V+
+IN B
OUT A
14-Lead SOIC
(R Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN A
+IN A
V+
+IN B
IN B
OUT B
OUT D
IN D
+IN D
V
+IN C
IN C
OUT C
OUT A
AD8554
FEATURES
Low Offset Voltage: 1
V
Input Offset Drift: 0.005
V/ C
Rail-to-Rail Input and Output Swing
+5 V/+2.7 V Single-Supply Operation
High Gain, CMRR, PSRR: 130 dB
Ultralow Input Bias Current: 20 pA
Low Supply Current: 700
A/Op Amp
Overload Recovery Time: 50
s
No External Capacitors Required
APPLICATIONS
Temperature Sensors
Pressure Sensors
Precision Current Sensing
Strain Gage Amplifiers
Medical Instrumentation
Thermocouple Amplifiers
GENERAL DESCRIPTION
This new family of amplifiers has ultralow offset, drift and bias
current. The AD8551, AD8552 and AD8554 are single, dual and
quad amplifiers featuring rail-to-rail input and output swings. All
are guaranteed to operate from +2.7 V to +5 V single supply.
The AD855x family provides the benefits previously found only
in expensive autozeroing or chopper-stabilized amplifiers. Using
Analog Devices’ new topology these new zero-drift amplifiers
combine low cost with high accuracy. No external capacitors are
required.
With an offset voltage of only 1
µV and drift of 0.005 µV/°C,
the AD8551 is perfectly suited for applications where error
sources cannot be tolerated. Temperature, position and pres-
sure sensors, medical equipment and strain gage amplifiers
benefit greatly from nearly zero drift over their operating
temperature range. The rail-to-rail input and output swings
provided by the AD855x family make both high-side and low-
side sensing easy.
The AD855x family is specified for the extended industrial/
automotive (–40
°C to +125°C) temperature range. The AD8551
single is available in 8-lead MSOP and narrow 8-lead SOIC
packages. The AD8552 dual amplifier is available in 8-lead
narrow SO and 8-lead TSSOP surface mount packages. The
AD8554 quad is available in narrow 14-lead SOIC and 14-lead
TSSOP packages.
8-Lead MSOP
(RM Suffix)
IN A
IN A
V
V+
OUT A
NC
1
45
8
AD8551
NC
NC = NO CONNECT
NC
8-Lead TSSOP
(RU Suffix)
IN A
+IN A
V
OUT B
IN B
+IN B
V+
1
4
5
8
AD8552
OUT A
14-Lead TSSOP
(RU Suffix)
OUT A
IN A
IN A
V
IN D
IN D
V
OUT D
IN B
IN B
OUT B
IN C
OUT C
IN C
AD8554
1
14
78
PIN CONFIGURATIONS
8-Lead SOIC
(R Suffix)


Similar Part No. - AD8554

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8554 AD-AD8554 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8554 AD-AD8554 Datasheet
506Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. F
AD8554AR AD-AD8554AR Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
logo
List of Unclassifed Man...
AD8554AR ETC2-AD8554AR Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AD8554AR-REEL AD-AD8554AR-REEL Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
More results

Similar Description - AD8554

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571 Datasheet
247Kb / 19P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com