Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8554
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8554 Datasheet HTML 7Page - Analog Devices AD8554 Datasheet HTML 8Page - Analog Devices AD8554 Datasheet HTML 9Page - Analog Devices AD8554 Datasheet HTML 10Page - Analog Devices AD8554 Datasheet HTML 11Page - Analog Devices AD8554 Datasheet HTML 12Page - Analog Devices AD8554 Datasheet HTML 13Page - Analog Devices AD8554 Datasheet HTML 14Page - Analog Devices AD8554 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8551/AD8552/AD8554
–11–
REV. 0
VIN+
VIN
VOUT
AB
AA
A
B
VOSA
+
BB
CM2
CM1
A
B
VNB
VNA
BA
VOA
Figure 45. Output Phase of the Amplifier
Because
φA is now open and there is no place for C
M1 to dis-
charge, the voltage VNA at the present time t is equal to the
voltage at the output of the nulling amp VOA at the time when
φA was closed. If we call the period of the autocorrection
switching frequency TS, then the amplifier switches between
phases every 0.5
TS. Therefore, in the amplification phase:
Vt
V
t
T
NA
NA
S
[] =−
1
2
(4)
And substituting Equation 4 and Equation 2 into Equation 3 yields:
Vt
A V
t
A V
t
AB V
t
T
B
OA
A
IN
A OSA
A
A OSA
S
A
[] =
[]+
[]−
−
+
1
2
1
(5)
For the sake of simplification, let us assume that the autocorrection
frequency is much faster than any potential change in VOSA or
VOSB. This is a good assumption since changes in offset voltage are
a function of temperature variation or long-term wear time, both of
which are much slower than the auto-zero clock frequency of the
AD855x. This effectively makes VOS time invariant and we can re-
arrange Equation 5 and rewrite it as:
Vt
A V
t
AB
V
A B V
B
OA
A
IN
A
A
OSA
A
A OSA
A
[] =
[]+
+
()
−
+
1
1
(6)
or,
Vt
A
V
t
V
B
OA
A
IN
OSA
A
[] =
[]+
+


1
(7)
We can already get a feel for the autozeroing in action. Note the
VOS term is reduced by a 1 + BA factor. This shows how the
nulling amplifier has greatly reduced its own offset voltage error
even before correcting the primary amplifier. Now the primary
amplifier output voltage is the voltage at the output of the
AD855x amplifier. It is equal to:
Vt
A V
t
V
B V
OUT
B
IN
OSB
B
NB
[] =
[]+
()+
(8)
In the amplification phase, VOA = VNB, so this can be rewritten as:
Vt
A V
t
A V
B
A
V
t
V
B
OUT
B
IN
B OSB
B
A
IN
OSA
A
[] =
[]++
[]+
+


1
(9)
Combining terms,
Vt
V
t A
A B
AB V
B
AV
OUT
IN
B
A
B
A
B OSA
A
B OSB
[] = [] +
()+
+
+
1
(10)
The AD855x architecture is optimized in such a way that
AA = AB and BA = BB and BA >> 1. Also, the gain product of
AABB is much greater than AB. These allow Equation 10 to be
simplified to:
Vt
V
t A B
A V
V
OUT
IN
A
A
A
OSA
OSB
[]≈ []
++
()
(11)
Most obvious is the gain product of both the primary and nulling
amplifiers. This AABA term is what gives the AD855x its extremely
high open-loop gain. To understand how VOSA and VOSB relate to
the overall effective input offset voltage of the complete amplifier,
we should set up the generic amplifier equation of:
Vk
V
V
OUT
IN
OS
EFF
=×
+
()
,
(12)
Where k is the open-loop gain of an amplifier and VOS, EFF is its
effective offset voltage. Putting Equation 12 into the form of
Equation 11 gives us:
Vt
V
t A B
V
A B
OUT
IN
A
A
OS
EFF
A
A
[]≈ []
+
,
(13)
And from here, it is easy to see that:
V
VV
B
OS
EFF
OSA
OSB
A
,
≈
+
(14)
Thus, the offset voltages of both the primary and nulling ampli-
fiers are reduced by the gain factor BA. This takes a typical input
offset voltage from several millivolts down to an effective input
offset voltage of submicrovolts. This autocorrection scheme is
what makes the AD855x family of amplifiers among the most
precise amplifiers in the world.
High Gain, CMRR, PSRR
Common-mode and power supply rejection are indications of
the amount of offset voltage an amplifier has as a result of a
change in its input common-mode or power supply voltages. As
shown in the previous section, the autocorrection architecture of
the AD855x allows it to quite effectively minimize offset volt-
ages. The technique also corrects for offset errors caused by
common-mode voltage swings and power supply variations.
This results in superb CMRR and PSRR figures in excess of
130 dB. Because the autocorrection occurs continuously, these
figures can be maintained across the device’s entire temperature
range, from –40
°C to +125°C.
Maximizing Performance Through Proper Layout
To achieve the maximum performance of the extremely high
input impedance and low offset voltage of the AD855x, care
should be taken in the circuit board layout. The PC board sur-
face must remain clean and free of moisture to avoid leakage
currents between adjacent traces. Surface coating of the circuit
board will reduce surface moisture and provide a humidity
barrier, reducing parasitic resistance on the board. The use of
guard rings around the amplifier inputs will further reduce leak-
age currents. Figure 46 shows how the guard ring should be
configured and Figure 47 shows the top view of how a surface
mount layout can be arranged. The guard ring does not need to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com