Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8554
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8554 Datasheet HTML 5Page - Analog Devices AD8554 Datasheet HTML 6Page - Analog Devices AD8554 Datasheet HTML 7Page - Analog Devices AD8554 Datasheet HTML 8Page - Analog Devices AD8554 Datasheet HTML 9Page - Analog Devices AD8554 Datasheet HTML 10Page - Analog Devices AD8554 Datasheet HTML 11Page - Analog Devices AD8554 Datasheet HTML 12Page - Analog Devices AD8554 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8551/AD8552/AD8554
–9–
REV. 0
510
15
20
25
0
VSY = ±5V
RS = 0
FREQUENCY – kHz
32
48
64
80
96
112
16
Figure 37. Voltage Noise Density
at +5 V from 0 Hz to 25 kHz
10
TEMPERATURE – C
50
30
50
75
50
125
25
0
25
50
75 100
10
150
VSY = +2.7V
40
30
20
0
20
40
ISC
ISC+
Figure 40. Output Short-Circuit
Current vs. Temperature
100
TEMPERATURE – C
250
200
0
75
50
125
25
0
25
50
75 100
150
150
VSY = +5.0V
25
50
75
125
175
225
RL = 1k
RL = 10k
RL = 100k
Figure 43. Output Voltage to Supply
Rail vs. Temperature
VSY = +5V
RS = 0
510
0
FREQUENCY – Hz
48
72
96
120
144
168
24
Figure 38. Voltage Noise Density
at +5 V from 0 Hz to 10 Hz
20
TEMPERATURE – C
100
60
100
75
50
125
25
0
25
50
75 100
20
150
VSY = +5.0V
80
60
40
0
40
80
ISC
ISC+
Figure 41. Output Short-Circuit
Current vs. Temperature
TEMPERATURE – C
150
145
125
75
50
125
25
0
25
50
75 100
140
135
130
150
VSY = +2.7V TO +5.5V
Figure 39. Power-Supply Rejection
vs. Temperature
100
TEMPERATURE – C
250
200
0
75
50
125
25
0
25
50
75 100
150
150
VSY = +5.0V
25
50
75
125
175
225
RL = 1k
RL = 10k
RL = 100k
Figure 42. Output Voltage to
Supply Rail vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com