Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9101 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9101
Description  125 MSPS Monolithic Sampling Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9101 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9101 Datasheet HTML 4Page - Analog Devices AD9101 Datasheet HTML 5Page - Analog Devices AD9101 Datasheet HTML 6Page - Analog Devices AD9101 Datasheet HTML 7Page - Analog Devices AD9101 Datasheet HTML 8Page - Analog Devices AD9101 Datasheet HTML 9Page - Analog Devices AD9101 Datasheet HTML 10Page - Analog Devices AD9101 Datasheet HTML 11Page - Analog Devices AD9101 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9101
–9–
REV. 0
+5V
AD9101
EVALUATION
BOARD
J2
CLOCK IN
C3
C5
C7R5
R7
H1
H4
J1
VIN
U1
H2
GND
–5.2V
H3
C2
C6
R4 C4
C9
R3
C1
OUT
R2
J3
VOUT
R1
C9
3.0 (76.2)
AD9101 Layout
Component Side
Ground Plane Bottom
V
OUT
–5.2 V
C3
C4
C1
1
2
3
4
5
6
7
8
9
10
C7
C8
20
19
18
17
16
15
14
13
12
11
+V
S
C2
10
µF
+
C6
10
µF
+
R2
51
AD96685BR
+
–
3
4
6
R3
51
CLOCK
INPUT
11
12
Q
Q
LE
R6,160
R7, 270
R4,160
R5, 270
U1
J2
J1
27
R1
GND
GND
GND
CLK
AD9101
C
B–
NC
CLK
RTN
RTN
C
B+
–V
S
V
OUT
–V
S
–V
S
–V
S
–V
S
V
IN
+V
S
+V
S
+V
S
+V
S
V
IN
NOTES
1. ALL CAPACITORS ARE 0.01 F UNLESS OTHERWISE
DESIGNATED. SURFACE-MOUNT CAPS PREFERRED.
2. R1 SHOULD BE SELECTED BASED ON CL AND MAY BE
SHORTED FOR CAPACITIVE LOADS OF LESS THAN 6 pF.
3. C1 SHOULD A LOW INDUCTANCE 0.01 F WITH
CIRCUIT LEADS AS SHORT AS POSSIBLE.
4. PINOUTS FOR AD9101 AND AD96685 ARE FOR SOIC.
Evaluation Circuit
EVALUATION BOARD ORDERING GUIDE
Part Number
Description
AD9101/PCB
Fully Populated and Tested Evaluation Board
AD9101/PWB
Printed Circuit Board without Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com