Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9101 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9101
Description  125 MSPS Monolithic Sampling Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9101 Datasheet(HTML) 2 Page - Analog Devices

  AD9101 Datasheet HTML 1Page - Analog Devices AD9101 Datasheet HTML 2Page - Analog Devices AD9101 Datasheet HTML 3Page - Analog Devices AD9101 Datasheet HTML 4Page - Analog Devices AD9101 Datasheet HTML 5Page - Analog Devices AD9101 Datasheet HTML 6Page - Analog Devices AD9101 Datasheet HTML 7Page - Analog Devices AD9101 Datasheet HTML 8Page - Analog Devices AD9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD9101–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (+V
S = +5 V, –VS = –5.2 V, RLOAD = 100
, RlN = 50
unless otherwise noted)
Test
AD9101
Parameter
Conditions
Temp
Level
Min
Typ
Max
Units
DC ACCURACY
Gain
∆V
IN = 0.5 V
25
°C
I
3.93
4
4.07
V/V
∆V
IN = 0.5 V
Full
VI
3.9
4.1
V/V
Offset
VIN = 0 V
25
°CI
±3
±10
mV
VIN = 0 V
Full
VI
±15
mV
Output Resistance
25
°C
V
0.4
Ω
Output Drive Capability
Full
VI
±60
±70
mA
PSRR
∆V
S = 0.5 V p-p
25
°CVI
37
43
dB
Pedestal Sensitivity to Positive Supply
∆V
S = 0.5 V p-p
Full
V
4
mV/V
Pedestal Sensitivity to Negative Supply
∆V
S = 0.5 V p-p
Full
V
8
mV/V
ANALOG INPUT/OUTPUT
Output Voltage Range
Full
VI
±2.4
±2.7
V
Input Bias Current
25
°CI
±5
±15
µA
Full
VI
±20
µA
Input Capacitance
25
°CV
2
pF
Input Resistance
25
°C–T
MAX
VI
30
125
k
Ω
TMIN
VI
25
k
Ω
CLOCK/CLOCK INPUTS
Input Bias Current
CL/CL = –1.0 V
Full
VI
3
3.6
mA
Input Low Voltage (VIL)
1
VIN = 0.5 V p-p
Full
VI
–1.8
–1.5
V
Input High Voltage (VIH)
1
VIN = 0.5 V p-p
Full
VI
–1.0
–0.8
V
TRACK MODE DYNAMICS
Bandwidth (–3 dB)
VOUT = 1 V p-p
Full
IV
160
250
MHz
Slew Rate
4 Volt Output Step
Full
IV
1300
1800
V/
µs
Overdrive Recovery Time
2 (to 0.1%)
VIN =
±1 V to 0 V
25
°CV
55
ns
Integrated Output Noise
(5 MHz–200 MHz) 25
°C
V
210
µV
Input RMS Spectral Noise @ 10 MHz
25
°C
V
3.3
µV/√Hz
HOLD MODE DYNAMICS
Worst Harmonic (23 MHz, 50 MSPS)
VOUT = 2 V p-p
25
°C
V
–75
dBFS
Worst Harmonic (48 MHz, 100 MSPS)
VOUT = 2 V p-p
25
°C
IV
–62
–57
dBFS
Worst Harmonic (48 MHz, 100 MSPS)
VOUT = 2 V p-p
Full (Ind.)
IV
–53
dBFS
Worst Harmonic (48 MHz, 100 MSPS)
VOUT = 2 V p-p
Full (Mil.)
IV
–51
dBFS
Worst Harmonic (48 MHz, 125 MSPS)
VOUT = 2 V p-p
25
°C
V
–57
dBFS
Sampling Bandwidth (–3 dB)
3
VIN = 0.5 V p-p
25
°C
V
350
MHz
Hold Noise
4 (RMS)
Full
V
150
× t
H
mV/s
Droop Rate
25
°CI
±5
±18
mV/
µs
Full
VI
±40
mV/
µs
Feedthrough Rejection (50 MHz)
VOUT = 2 V p-p
Full
V
–66
dB
TRACK-TO-HOLD SWITCHING
Aperture Delay
25
°C
V
–250
ps
Aperture Jitter
25
°C
V
<1
ps rms
Pedestal Offset
VIN = 0 V
25
°CI
±5
±20
mV
VIN = 0 V
Full
VI
±35
mV
Transient Amplitude
VIN = 0 V
Full
V
8
mV
Settling Time to 4 mV
VIN = 0 V
Full
V
4
ns
Glitch Product
5
VIN = 0 V
25
°C
V
20
pV-s
HOLD-TO-TRACK SWITCHING
Acquisition Time to 0.1%
2 V Output Step
25
°CV
7
ns
Acquisition Time to 0.01%
2 V Output Step
25
°CIV
11
14
ns
2 V Output Step
Full
IV
16
ns
POWER SUPPLY
+VS Current
Full
VI
55
70
mA
–VS Current
Full
VI
59
73
mA
Power Dissipation
Full
VI
570
715
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com