Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9101 Datasheet (PDF) - Analog Devices

AD9101 Datasheet PDF - Analog Devices
Part # AD9101
Download  AD9101 Download
File Size   247.15 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 125 MSPS Monolithic Sampling Amplifier

AD9101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9101 Datasheet PDF - Analog Devices

Part # AD9101
Download  AD9101 Click to download

File Size   247.15 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 125 MSPS Monolithic Sampling Amplifier

AD9101 Datasheet (HTML) - Analog Devices


AD9101 Product details

GENERAL DESCRIPTION
The AD9101 is an extremely accurate, general purpose, high speed sampling amplifier. Its fast and accurate acquisition speed allows for a wide range of frequency vs. resolution performance. The AD9101 is capable of 8 to 12 bits of accuracy at clock rates of 125 MSPS or 50 MSPS, respectively. This level of performance makes it an ideal driver for almost all 8- to 12-bit A/D encoders on the market today.

FEATURES
    350 MHz Sampling Bandwidth
    125 MHz Sampling Rate
    Excellent Hold Mode Distortion
        –75 dB @ 50 MSPS (25 MHz VIN)
        –57 dB @ 125 MSPS (50 MHz VIN)
    7 ns Acquisition Time to 0.1%
    <1 ps Aperture Jitter
    66 dB Feedthrough Rejection @ 50 MHz
    3.3 nV/√Hz Spectral Noise Density

APPLICATIONS
    Direct IF Sampling
    Digital Sampling Oscilloscopes
    HDTV Cameras
    Peak Detectors
    Radar/EW/ECM
    Spectrum Analysis
    Test Equipment/CCD Testers
    DDS DAC Deglitcher




Similar Part No. - AD9101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9101 AD-AD9101_15 Datasheet
678Kb / 12P
125 MSPS Monolithic Sampling Amplifier
REV. 0
More results


Similar Description - AD9101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD9445 AD-AD9445 Datasheet
965Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
10/05-Revision 0
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Cadeka Microcircuits LL...
SPT9101 CADEKA-SPT9101 Datasheet
180Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Analog Devices
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9101 AD-AD9101_15 Datasheet
678Kb / 12P
125 MSPS Monolithic Sampling Amplifier
REV. 0
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com