Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9101 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9101
Description  125 MSPS Monolithic Sampling Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9101 Datasheet(HTML) 4 Page - Analog Devices

  AD9101 Datasheet HTML 1Page - Analog Devices AD9101 Datasheet HTML 2Page - Analog Devices AD9101 Datasheet HTML 3Page - Analog Devices AD9101 Datasheet HTML 4Page - Analog Devices AD9101 Datasheet HTML 5Page - Analog Devices AD9101 Datasheet HTML 6Page - Analog Devices AD9101 Datasheet HTML 7Page - Analog Devices AD9101 Datasheet HTML 8Page - Analog Devices AD9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9101
–4–
REV. 0
Acquisition Time is the amount of time it takes the AD9101
to reacquire the analog input when switching from hold to track
mode. The interval starts at the 50% clock transition point and
ends when the input signal is reacquired to within a specified
error band at the hold capacitor.
Aperture Delay establishes when the input signal is actually
sampled. It is the time difference between the analog propaga-
tion delay of the front-end buffer and the control switch delay
time (the time from the hold command transition to when the
switch is opened). For the AD9101, this is a negative value,
meaning that the analog delay is longer than the switch delay.
Aperture Jitter is the random variation in the aperture delay.
This is measured in ps-rms and is manifested as phase noise on
the held signal.
Droop Rate is the change in output voltage as a function of
time (dV/dt). It is measured at the AD9101 output with the de-
vice in hold mode and the input held at a specified dc value; the
measurement starts immediately after the T/H switches from
track to hold.
Feedthrough Rejection is the ratio of the output signal to the
input signal when in hold mode. This is a measure of how well
the switch isolates the input signal from feeding through to the
output.
Hold-to-Track Switch Delay is the time delay from the track
command to the point when the output starts to change to ac-
quire a new signal level.
Pedestal Offset is the offset voltage measured immediately af-
ter the AD9101 is switched from track to hold with the input
held at zero volts. It manifests itself as a dc offset during the
hold time.
Sampling Bandwidth is the –3 dB frequency response from
the input to the hold capacitor under sampling conditions. It is
greater than the tracking bandwidth because it does not include
the bandwidth of the output amplifier which is optimized for
settling time rather than bandwidth.
Track-to-Hold Settling Time is the time necessary for the
track to hold switching transient to settle to within 4 mV of its
final value.
Track-to-Hold Switching Transient is the maximum peak
switch induced transient voltage which appears at the AD9101
output when it is switched from track to hold.
CLOCK
INPUTS
+2V
0V
-2V
ANALOG
INPUT (x 4)
+2V
0V
-2V
"1"
"0"
HOLD TO TRACK
SWITCH DELAY
TIME (1.5 ns)
APERTURE
DELAY
(–0.25 ns)
"TRACK"
ACQUISITION
TIME (SEE
TEXT)
VOLTAGE
LEVEL HELD
"HOLD"
SAMPLER OUTPUT SIGNAL (x 4)
AND AMPLIFIER OUTPUT SIGNAL
OBSERVED AT
HOLD CAPACITOR
OBSERVED AT
AMPLIFIER OUTPUT
"HOLD"
CLOCK
CLOCK
CLOCK
TRACK TO
HOLD
SETTLING
(4 ns)
Timing Diagram (500 ps/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com