Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 14 Page - Analog Devices

Part # AD9260AS
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 10Page - Analog Devices AD9260AS Datasheet HTML 11Page - Analog Devices AD9260AS Datasheet HTML 12Page - Analog Devices AD9260AS Datasheet HTML 13Page - Analog Devices AD9260AS Datasheet HTML 14Page - Analog Devices AD9260AS Datasheet HTML 15Page - Analog Devices AD9260AS Datasheet HTML 16Page - Analog Devices AD9260AS Datasheet HTML 17Page - Analog Devices AD9260AS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD9260
–14–
REV. B
Typical AC Characterization Curves for 8
Mode
(AVDD = DVDD = DRVDD = +5 V, 4 V Input Span, Differential DC Coupled Input with CML = 2 V, Full Bias)
INPUT FREQUENCY – MHz
0.1
1
60
65
70
75
80
85
90
–0.5dBFS
–6.0dBFS
–20dBFS
Figure 17. SINAD vs. Input Frequency (fCLOCK = 20 MSPS)
1
INPUT FREQUENCY – MHz
0.1
1
–110
–100
–90
–85
–80
–75
–70
–6.0dBFS
–20dBFS
–0.5dBFS
–95
–105
Figure 18. THD vs. Input Frequency (fCLOCK = 20 MSPS)
INPUT FREQUENCY – MHz
0.1
1
80
85
95
100
105
–0.5dBFS
90
–6.0dBFS
–20dBFS
Figure 19. SFDR vs. Input Frequency (fCLOCK = 20 MSPS)
INPUT FREQUENCY – MHz
0.1
1
90
–0.5dBFS
–6.0dBFS
85
80
75
70
65
60
–20dBFS
Figure 20. SINAD vs. Input Frequency (fCLOCK = 10 MSPS)
1
INPUT FREQUENCY – MHz
0.1
1
–0.5dBFS
–6.0dBFS
–80
–70
–20dBFS
–75
–85
–90
–95
–100
–105
Figure 21. THD vs. Input Frequency (fCLOCK = 10 MSPS)
INPUT FREQUENCY – MHz
0.1
1
–0.5dBFS
–6.0dBFS
100
105
–20dBFS
95
90
85
80
Figure 22. SFDR vs. Input Frequency (fCLOCK = 10 MSPS)
1SINAD performance limited by noise contribution of input differential op amp
driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com