Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 19 Page - Analog Devices

Part # AD9260AS
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 15Page - Analog Devices AD9260AS Datasheet HTML 16Page - Analog Devices AD9260AS Datasheet HTML 17Page - Analog Devices AD9260AS Datasheet HTML 18Page - Analog Devices AD9260AS Datasheet HTML 19Page - Analog Devices AD9260AS Datasheet HTML 20Page - Analog Devices AD9260AS Datasheet HTML 21Page - Analog Devices AD9260AS Datasheet HTML 22Page - Analog Devices AD9260AS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD9260
–19–
REV. B
Additional AC Characterization Curves
(AVDD = DVDD = DRVDD = +5 V, 4 V Input Span, AIN = –0.5 dBFS, Differential DC Coupled Input with CML = 2 V, Full Bias, unless otherwise noted)
20 MSPS
FULL BIAS
AIN – dBFS
120
–50
80
85
90
95
100
105
110
115
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
10 MSPS
FULL BIAS
10 MSPS
HALF BIAS
20 MSPS
HALF BIAS
Figure 47. Single-Tone SFDR vs. Amplitude (fIN =100 kHz,
8
× Mode)
20 MSPS
FULL BIAS
AIN – dBFS
–50
80
85
90
95
100
105
110
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
10 MSPS
FULL BIAS
10 MSPS
HALF BIAS
Figure 48. Single-Tone SFDR vs. Amplitude (fIN =1.0 MHz,
2
× Mode)
20 MSPS
FULL BIAS
AIN – dBFS
–50
80
85
90
95
100
105
110
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
10 MSPS
FULL BIAS
10 MSPS
HALF BIAS
Figure 49. Single-Tone SFDR vs. Amplitude (fIN = 500 kHz,
2
× Mode)
20MSPS-dBFS
FULL BIAS
AIN – dBFS
–60
50
70
80
90
100
110
120
–50
–40
–30
–20
–10
0
10MSPS-dBc
HALF BIAS
10MSPS-dBFS
HALF BIAS
20MSPS-dBc
FULL BIAS
60
Figure 50. Two-Tone SFDR (F1 = 475 kHz, F2 = 525 MHz,
8
× Mode)
FULL BIAS-dBFS
AIN – dBFS
–60
50
70
80
90
100
110
120
–50
–40
–30
–20
–10
0
60
HALF BIAS-dBFS
HALF BIAS-dBc
FULL BIAS-dBc
Figure 51. Two-Tone SFDR (F1 = 0.95 kHz, F2 = 1.05 MHz,
8
× Mode 20 MSPS)
AIN – dBFS
–60
50
70
80
90
100
110
120
–50
–40
–30
–20
–10
0
60
dBc
dBFS
Figure 52. Two-Tone SFDR (F1 = 1.9 MHz, F2 = 2.1 MHz,
4
× Mode 20 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com