Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 20 Page - Analog Devices

Part # AD9260AS
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 16Page - Analog Devices AD9260AS Datasheet HTML 17Page - Analog Devices AD9260AS Datasheet HTML 18Page - Analog Devices AD9260AS Datasheet HTML 19Page - Analog Devices AD9260AS Datasheet HTML 20Page - Analog Devices AD9260AS Datasheet HTML 21Page - Analog Devices AD9260AS Datasheet HTML 22Page - Analog Devices AD9260AS Datasheet HTML 23Page - Analog Devices AD9260AS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9260
–20–
REV. B
THEORY OF OPERATION
The AD9260 utilizes a new analog-to-digital converter architec-
ture to combine sigma-delta techniques with a high-speed,
pipelined A/D converter. This topology allows the AD9260 to
offer the high dynamic range associated with sigma-delta con-
verters while maintaining very wide input signal bandwidth
(1.25 MHz) at a very modest 8
× oversampling ratio. Figure 53
provides a block diagram of the AD9260. The differential
analog input is fed into a second order, multibit sigma-delta
modulator. This modulator features a 5-bit flash quantizer and
5-bit feedback. In addition, a 12-bit pipelined A/D quantizes
the input to the 5-bit flash to greater accuracy. A special digital
modulation loop combines the output of the 12-bit pipelined
A/D with the delayed output of the 5-bit flash to produce the
equivalent response of a second order loop with a 12-bit
quantizer and 12-bit feedback. The combination of a second
order loop and multibit feedback provides inherent stability:
the AD9260 is not prone to idle tones or full-scale idiosyncra-
cies sometimes associated with higher order single bit sigma-
delta modulators.
The output of this 12-bit modulator is fed into the digital deci-
mation filter. The voltage level on the MODE pin establishes
the configuration for the digital filter. The user may bring the
data out undecimated (at the clock rate), or at a decimation
factor of 2
×, 4×, or a full 8×. The spectra for these four cases
are shown in Figures 5, 6, 7 and 8, all for a 100 kHz full-scale
input and 20 MHz clock. The spectra of the undecimated
output clearly shows the second order shaping characteristic of
the quantization noise as it rises at frequencies above 1.25 MHz.
The on-chip decimation filter provides excellent stopband rejec-
tion to suppress any stray input signal between 1.25 MHz and
18.75 MHz, substantially easing the requirements on any anti-
aliasing filter for the analog input path. The decimation filters
are integrated with symmetric FIR filter structures, providing a
linear phase response and excellent passband flatness.
The digital output driver register of the AD9260 features both
READ and CHIP SELECT pins to allow easy interfacing. The
digital supply of the AD9260 is designed to operate over a
2.7 V to 5.25 V supply range, though 3 V supplies are recom-
mended to minimize digital noise on the board. A DATA
AVAILABLE pin allows the user to easily synchronize to the
converter’s decimated output data rate. OUT-OF-RANGE
(OTR) indication is given for an overflow in the pipelined A/D
converter or digital filters. A RESETB function is provided to
synchronize the converter’s decimated data and clear any over-
flow condition in the analog integrators.
An on-chip reference and reference buffer are included on the
AD9260. The reference can be configured in either a 2.5 V
mode (providing a 4 V pk-pk differential input full scale), a 1 V
mode (providing a 1.6 V pk-pk differential input full scale), or
programmed with an external resistor divider to provide any
voltage level between 1 V and 2.5 V. However, optimum noise and
distortion performance for the AD9260 can only be achieved with a
2.5 V reference as shown in Figure 46.
For users wishing to operate the part at reduced clock frequen-
cies, the bias current of the AD9260 is designed to be scalable.
This scaling is accomplished through use of the proper external
resistor tied to the BIAS pin: the power can be reduced roughly
proportionately to clock frequency by as much as 75% (for clock
rates of 5 MHz). Refer to Figures 41–43 and 47–51 for charac-
terization curves showing performance tradeoffs.
ANALOG INPUT AND REFERENCE OVERVIEW
Figure 54, a simplified model of the AD9260, highlights the
relationship between the analog inputs, VINA, VINB and the
reference voltage VREF. Like the voltage applied to the top of
the resistor ladder in a flash A/D converter, the value VREF
defines the maximum input voltage to the A/D converter. An
internal reference buffer in the AD9260 scales the reference
voltage VREF before it is applied internally to the AD9260
LSB
DIFFERENTIATOR
VIN
INT1
+
–
5B
DAC1
+
–
5B
DAC2
5B
ADC
INT2
5B
DAC
+
–
16
3B
ADC
3B
DAC
+
–
4
3B
ADC
3B
DAC
+
–
4
4B
ADC
PIPELINE CORRECTION LOGIC
8 LSBs
++
COUT
HALF-BAND
DECIMATION FILTER STAGE 1
HALF-BAND
DECIMATION FILTER STAGE 2
HALF-BAND
DECIMATION FILTER STAGE 3
Z–D
SHUFFLE
MOUT
CONTROL/TEST
LOGIC
BANDGAP
REFERENCE
REFERENCE
BUFFER
OUTPUT BITS
Figure 53. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com