Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 18 Page - Analog Devices

Part # AD9260AS
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 14Page - Analog Devices AD9260AS Datasheet HTML 15Page - Analog Devices AD9260AS Datasheet HTML 16Page - Analog Devices AD9260AS Datasheet HTML 17Page - Analog Devices AD9260AS Datasheet HTML 18Page - Analog Devices AD9260AS Datasheet HTML 19Page - Analog Devices AD9260AS Datasheet HTML 20Page - Analog Devices AD9260AS Datasheet HTML 21Page - Analog Devices AD9260AS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9260
–18–
REV. B
Typical AC Characterization Curves
(AVDD = DVDD = DRVDD = +5 V, 4 V Input Span, AIN = –0.5 dBFS, Differential DC Coupled Input with CML = 2 V)
CLOCK FREQUENCY – MHz
10
15
20
100
5
2
95
90
85
80
75
70
65
60
55
50
FULL BIAS
QUARTER BIAS
HALF BIAS
Figure 41. SFDR vs. Clock Rate (fIN = 100 kHz in 8
× Mode)
FULL BIAS
CLOCK FREQUENCY – MHz
10
15
25
100
5
80
60
40
20
0
20
QUARTER BIAS
HALF BIAS
Figure 42. SFDR vs. Clock Rate (fIN = 500 kHz in 4
× Mode)
FULL BIAS
CLOCK FREQUENCY – MHz
10
15
25
100
5
80
60
40
20
0
20
QUARTER BIAS
HALF BIAS
Figure 43. SFDR vs. Clock Rate (fIN = 1.0 MHz in 2
× Mode)
FIN = 1MHz, 2 MODE
FIN = 100kHz, 8 MODE
COMMON MODE INPUT LEVEL – Volts
1.0
–100
–60
1.2
–65
–70
–75
–80
–85
–90
–95
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Figure 44. THD vs. Common-Mode Input Level (CML)
INPUT FREQUENCY – Hz
–40
100M
100k
10M
1M
10k
1k
–50
–60
–70
–80
–90
FS = 10MHz
FS = 20MHz
FS = 5MHz
Figure 45. CMR vs. Input Frequency (VCML = 2 V p-p, 1
×
Mode)
FREQUENCY – MHz
0
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
95
90
85
80
75
4V SPAN SNR-8
MODE
4V SPAN SFDR-2
MODE
1.6V SPAN SNR-8
MODE
1.6V SPAN SFDR-2
MODE
Figure 46. 4 V vs. 1.6 V Span SNR/SFDR (fCLOCK = 20 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com