Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9483/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9483/PCB
Description  Triple 8-Bit, 140 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9483/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9483/PCB Datasheet HTML 5Page - Analog Devices AD9483/PCB Datasheet HTML 6Page - Analog Devices AD9483/PCB Datasheet HTML 7Page - Analog Devices AD9483/PCB Datasheet HTML 8Page - Analog Devices AD9483/PCB Datasheet HTML 9Page - Analog Devices AD9483/PCB Datasheet HTML 10Page - Analog Devices AD9483/PCB Datasheet HTML 11Page - Analog Devices AD9483/PCB Datasheet HTML 12Page - Analog Devices AD9483/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AD9483
–9–
REV. A
Typical Performance Characteristics–
fIN – MHz
050
0
–0.5
–1
–1.5
–2
–2.5
–3
–3.5
–4
–4.5
150
250
300
400
450
–5
100
200
350
NYQUIST FREQUENCY
(70MHz)
–3dB
(333MHz)
Figure 10. Frequency Response: fS = 140 MSPS
fIN – MHz
05
–70
–60
–50
–40
–30
–20
–10
0
10
50
100
200 250
2.5
7.5
25
75
150
Figure 11. Crosstalk vs. fIN: fS = 140 MSPS
TEMPERATURE – C
0
100
–50
–55
–60
–65
–70
–75
–80
10
20
30
40
50
60
70
80
90
Figure 12. Crosstalk vs. Temperature: fIN = 70 MHz
TEMPERATURE – C
–40
0
2.5
–20
20
40
60
80
100
2.48
2.46
2.44
2.42
2.4
Figure 13. Reference Voltage vs. Temperature
VCC – V
3
2.6
2.5
2.4
2.3
2.2
3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5
5.2 5.4 5.6 5.8 6 6.2 6.4
2.1
2
Figure 14. Reference Voltage vs. Power Supply Voltage
14
12 13
0
2.6
2.5
2.4
1
2
3
4
5
6789
10
2.3
2.2
2.1
2
1.9
1.8
1.7
1.6
11
15
IREF – mA
Figure 15. Reference Voltage vs. Reference Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com