Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9483/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9483/PCB
Description  Triple 8-Bit, 140 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9483/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9483/PCB Datasheet HTML 6Page - Analog Devices AD9483/PCB Datasheet HTML 7Page - Analog Devices AD9483/PCB Datasheet HTML 8Page - Analog Devices AD9483/PCB Datasheet HTML 9Page - Analog Devices AD9483/PCB Datasheet HTML 10Page - Analog Devices AD9483/PCB Datasheet HTML 11Page - Analog Devices AD9483/PCB Datasheet HTML 12Page - Analog Devices AD9483/PCB Datasheet HTML 13Page - Analog Devices AD9483/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AD9483
–10–
REV. A
–Typical Performance Characteristics
LOAD CAPACITANCE – pF
9
510
15
20
8.5
8
7.5
7
6.5
6
5.5
5
25
30
4.5
4
TPD 3.3V
TV 3.3V
TV 5V
TPD 5V
Figure 16. Clock Output Delay vs. Capacitance
TPD
TV
VDD – V
8
3
3.3
7
6
5
4
3
2
1
0
3.6
3.9
4.2
4.5
4.75
5
5.25
5.5
9
Figure 17. Output Delay vs. VDD
TPD 3.3V
TPD 5V
TV 3.3V
TV 5V
TEMPERATURE – C
7.5
–40
0
50
100
7
6.5
6
5.5
5
4.5
4
8
8.5
9
Figure 18. Output Delay vs Temperature
4
IOH – mA
0
2
10
16
20
5
3
1
0.5
0
VDD = +3.3V
1.5
2
2.5
3.5
4.5
46
8
12
14
18
VDD = +5V
Figure 19. Output Voltage HIGH vs. Output Current
VDD = +3.3V
VDD = +5V
IOL
0
5
10
15
20
2
1.6
1.2
0.8
0.2
0
0.4
0.6
1
1.4
1.8
Figure 20. Output Voltage LOW vs. Output Current
VDD – V
600
0
500
400
300
200
100
3
3.5
4
4.5
5
5.5
Figure 21. Output Power vs. VDD, CLOAD = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com