Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9483/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9483/PCB
Description  Triple 8-Bit, 140 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9483/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9483/PCB Datasheet HTML 8Page - Analog Devices AD9483/PCB Datasheet HTML 9Page - Analog Devices AD9483/PCB Datasheet HTML 10Page - Analog Devices AD9483/PCB Datasheet HTML 11Page - Analog Devices AD9483/PCB Datasheet HTML 12Page - Analog Devices AD9483/PCB Datasheet HTML 13Page - Analog Devices AD9483/PCB Datasheet HTML 14Page - Analog Devices AD9483/PCB Datasheet HTML 15Page - Analog Devices AD9483/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AD9483
–12–
REV. A
SNR
SINAD
fS = 140 MSPS
fIN = 19.3MHz
25%
1.8
30
28%
2
31%
2.2
38%
2.7
45%
3.2
52%
3.7
59%
4.2
66%
4.7
32
34
36
38
40
42
44
46
ENCODE DUTY CYCLE – %
ENCODE PULSEWIDTH – ns
73%
5.2
76%
5.4
Figure 28. SNR vs. Clock Pulsewidth (tPWH): fS = 140 MSPS
fIN – MHz
050
55
100
150
200
250
50
45
40
35
30
NYQUIST FREQUENCY
(70.0MHz)
SINAD
SNR
Figure 29. SNR vs. fIN: fS = 140 MSPS
TEMPERATURE – C
–25
–60
–56
–52
–48
–44
–40
0
40
60
80
100
Figure 30. 3rd Harmonic vs. Temperature, fS = 140 MSPS
SINAD
SNR
TEMPERATURE – C
–25
44
43
42
41
40
0
406080
100
45
46
Figure 31. SNR vs. Temperature, fS = 140 MSPS
TEMPERATURE – C
–25
–60
–55
–50
–45
–40
0
40
60
80
100
–65
–70
Figure 32. 2nd Harmonic vs. Temperature, fS = 140 MSPS
MHz
0
–90
10
20
30
40
50
60
70
80
90
100
–80
–70
–60
–50
–40
–30
–20
–10
0
F1 = 55.0MHz
F2 = 56.0MHz
F1 = F2 = –7.0dBFS
–100
Figure 33. Two Tone Intermodulation Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com