Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9483/PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9483/PCB
Description  Triple 8-Bit, 140 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9483/PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9483/PCB Datasheet HTML 18Page - Analog Devices AD9483/PCB Datasheet HTML 19Page - Analog Devices AD9483/PCB Datasheet HTML 20Page - Analog Devices AD9483/PCB Datasheet HTML 21Page - Analog Devices AD9483/PCB Datasheet HTML 22Page - Analog Devices AD9483/PCB Datasheet HTML 23Page - Analog Devices AD9483/PCB Datasheet HTML 24Page - Analog Devices AD9483/PCB Datasheet HTML 25Page - Analog Devices AD9483/PCB Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
AD9483
–26–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
100-Lead Plastic Quad Flatpack
(S-100B)
81
100
1
50
80
31
30
51
TOP VIEW
(PINS DOWN)
PIN 1
0.685 (17.4)
0.669 (17.0)
0.555 (14.10)
0.547 (13.90)
0.015 (0.35)
0.009 (0.25)
0.921 (23.4)
0.906 (23.0)
0.742 (18.85) TYP
0.791 (20.10)
0.783 (19.90)
0.029 (0.73)
0.023 (0.57)
0.486
(12.35)
TYP
NOTE: THE AD9483KS PACKAGE USES A COPPER INSERT TO HELP DISSIPATE HEAT AND ENSURE RELIABLE OPERATION
OVER THE FULL 0 C TO +85 C TEMPERATURE RANGE. THIS COPPER INSERT IS EXPOSED ON THE UNDERSIDE OF THE
DEVICE. IT IS RECOMMENDED THAT DURING THE DESIGN OF THE PC BOARD NO THROUGHHOLES OR SIGNAL TRACES BE
PLACED UNDER THE AD9483 THAT COULD COME IN CONTACT WITH THE COPPER INSERT. COMMONLY ACCEPTED BOARD
LAYOUT PRACTICES FOR HIGH SPEED CONVERTERS SPECIFY THAT ONLY GROUND PLANES SHALL BE LOCATED UNDER
THESE DEVICES TO MINIMIZE NOISE OR DISTORTION OF VIDEO SIGNALS.
81
80
100
1
50
31
30
51
BOTTOM
VIEW
(PINS UP)
0.362
(9.2)
0.551
(14.0)
0.787 (20.0)
0.433 (11.0)
PIN 1
CONDUCTIVE HEAT SINK
ON BOTTOM OF PACKAGE
SEATING
PLANE
0.134
(3.40)
MAX
0.041 (1.03)
0.031 (0.78)
0.004
(0.10)
MAX
0.010
(0.25)
MIN
0.110 (2.80)
0.102 (2.60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com