Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9709AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD9709AST
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709AST Datasheet(HTML) 5 Page - Analog Devices

  AD9709AST Datasheet HTML 1Page - Analog Devices AD9709AST Datasheet HTML 2Page - Analog Devices AD9709AST Datasheet HTML 3Page - Analog Devices AD9709AST Datasheet HTML 4Page - Analog Devices AD9709AST Datasheet HTML 5Page - Analog Devices AD9709AST Datasheet HTML 6Page - Analog Devices AD9709AST Datasheet HTML 7Page - Analog Devices AD9709AST Datasheet HTML 8Page - Analog Devices AD9709AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
REV. 0
AD9709
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
1–8
PORT1
Data Bits DB7–P1 to DB0–P1
9–14, 31–36
NC
No Connection
15, 21
DCOM1, DCOM2
Digital Common
16, 22
DVDD1, DVDD2
Digital Supply Voltage
17
WRT1/IQWRT
Input Write Signal for PORT 1 (IQWRT in Interleaving Mode)
18
CLK1/IQCLK
Clock Input for DAC1 (IQCLK in Interleaving Mode)
19
CLK2/IQRESET
Clock Input for DAC2 (IQRESET in Interleaving Mode)
20
WRT2/IQSEL
Input Write Signal for PORT 2 (IQSEL in Interleaving Mode)
23–30
PORT2
Data Bits DB7–P2 to DB0–P2
37
SLEEP
Power-Down Control Input
38
ACOM
Analog Common
39, 40
IOUTA2, IOUTB2
“PORT 2” Differential DAC Current Outputs
41
FSADJ2
Full-Scale Current Output Adjust for DAC2
42
GAINCTRL
Master/Slave Resistor Control Mode
43
REFIO
Reference Input/Output
44
FSADJ1
Full-Scale Current Output Adjust for DAC1
45, 46
IOUTB1, IOUTA1
“PORT 1” Differential DAC Current Outputs
47
AVDD
Analog Supply Voltage
48
MODE
Mode Select (1 = Dual Port, 0 = Interleaved)
PIN CONFIGURATION
NC
NC
NC
NC
DB0-P1
DB1-P1
DB2-P1
DB3-P1
DB4-P1
DB5-P1
DB6-P1
DB7-P1(MSB)
NC
NC
NC
NC
NC
NC
DB1-P2
DB2-P2
DB3-P2
DB4-P2
DB5-P2
DB0-P2
AD9709
DUAL 8-BIT DAC
48-PIN LQFP
12
11
10
9
8
7
6
5
4
3
2
1
26
27
28
29
30
31
32
33
34
35
36
25
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
PIN 1
IDENTIFIER
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com