Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9709AST Datasheet(PDF) 6 Page - Analog Devices

Part # AD9709AST
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709AST Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9709AST Datasheet HTML 2Page - Analog Devices AD9709AST Datasheet HTML 3Page - Analog Devices AD9709AST Datasheet HTML 4Page - Analog Devices AD9709AST Datasheet HTML 5Page - Analog Devices AD9709AST Datasheet HTML 6Page - Analog Devices AD9709AST Datasheet HTML 7Page - Analog Devices AD9709AST Datasheet HTML 8Page - Analog Devices AD9709AST Datasheet HTML 9Page - Analog Devices AD9709AST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
REV. 0
AD9709
–6–
DEFINITIONS OF SPECIFICATIONS
Linearity Error (Also Called Integral Nonlinearity or INL)
Linearity error is defined as the maximum deviation of the
actual analog output from the ideal output, determined by a
straight line drawn from zero to full-scale.
Differential Nonlinearity (or DNL)
DNL is the measure of the variation in analog value, normalized
to full-scale, associated with a 1 LSB change in digital input code.
Monotonicity
A D/A converter is monotonic if the output either increases or
remains constant as the digital input increases.
Offset Error
The deviation of the output current from the ideal of zero is
called offset error. For IOUTA, 0 mA output is expected when
the inputs are all 0s. For IOUTB, 0 mA output is expected when
all inputs are set to 1s.
Gain Error
The difference between the actual and ideal output span. The
actual span is determined by the output when all inputs are set
to 1s minus the output when all inputs are set to 0s.
Output Compliance Range
The range of allowable voltage at the output of a current-output
DAC. Operation beyond the maximum compliance limits may
cause either output stage saturation or breakdown resulting in
nonlinear performance.
AVDD
DIGITAL
DATA
DB0-DB7
GAINCTRL
50
DVDD
DCOM
RETIMED CLOCK OUTPUT
LECROY 9210
PULSE
GENERATOR
TEKTRONIX
AWG-2021
w/OPTION 4
WRT1/
IQWRT
1.2V REF
RSET2
2k
CHANNEL 1 LATCH
CHANNEL 2 LATCH
PMOS
CURRENT
SOURCE
ARRAY
PMOS
CURRENT
SOURCE
ARRAY
SEGMENTED
SWITCHES
FOR DAC1
SEGMENTED
SWITCHES FOR
DAC2
LSB
SWITCH
LSB
SWITCH
MULTIPLEXING LOGIC
AD9709
DCOM ACOM
MODE
IOUTA1
IOUTB1
SLEEP
CLK2/
IQRESET
CLK1/
IQCLK
5V
FSADJ1
RSET1
2k
REFIO
0.1 F
FSADJ2
DB0-DB7
WRT2/
IQSEL
50
5V
MINI CIRCUITS
T1-1T
TO HP3589A
SPECTRUM/
NETWORK
ANALYZER
*AWG2021 CLOCK RETIMED SUCH THAT DIGITAL DATA TRANSITIONS
ON FALLING EDGE OF 50% DUTY CYCLE CLOCK
DVDD
DAC2
LATCH
DAC1
LATCH
CLK
DIVIDER
50
IOUTA2
IOUTB2
Figure 2. Basic AC Characterization Test Setup for AD9709, Testing Port 1 in Dual Port Mode, Using Independent
GAINCTRL Resistors on FSADJ1 and FSADJ2
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (25
°C) value to the value at either TMIN or TMAX. For
offset and gain drift, the drift is reported in ppm of full-scale
range (FSR) per degree C. For reference drift, the drift is
reported in ppm per degree C.
Power Supply Rejection
The maximum change in the full-scale output as the supplies
are varied from nominal to minimum and maximum specified
voltages.
Settling Time
The time required for the output to reach and remain within a
specified error band about its final value, measured from the
start of the output transition.
Glitch Impulse
Asymmetrical switching times in a DAC give rise to undesired
output transients that are quantified by a glitch impulse. It is
specified as the net area of the glitch in pV-s.
Spurious-Free Dynamic Range
The difference, in dB, between the rms amplitude of the output
signal and the peak spurious signal over the specified bandwidth.
Total Harmonic Distortion
THD is the ratio of the rms sum of the first six harmonic
components to the rms value of the measured input signal. It
is expressed as a percentage or in decibels (dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com