Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9709AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD9709AST
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9709AST Datasheet HTML 5Page - Analog Devices AD9709AST Datasheet HTML 6Page - Analog Devices AD9709AST Datasheet HTML 7Page - Analog Devices AD9709AST Datasheet HTML 8Page - Analog Devices AD9709AST Datasheet HTML 9Page - Analog Devices AD9709AST Datasheet HTML 10Page - Analog Devices AD9709AST Datasheet HTML 11Page - Analog Devices AD9709AST Datasheet HTML 12Page - Analog Devices AD9709AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
REV. 0
AD9709
–9–
FUNCTIONAL DESCRIPTION
Figure 20 shows a simplified block diagram of the AD9709.
The AD9709 consists of two DACs, each one with its own
independent digital control logic and full-scale output current
control. Each DAC contains a PMOS current source array
capable of providing up to 20 mA of full-scale current (IOUTFS).
The array is divided into 31 equal currents that make up the five
most significant bits (MSBs). The three lower bits consist of
seven equal current sources whose value is 1/8th of an MSB
current source. Implementing the lower bits with current sources,
instead of an R-2R ladder, enhances the dynamic performance
for multitone or low-amplitude signals and helps maintain the
DACs high-output impedance (i.e., >100 k
Ω).
All of these current sources are switched to one or the other of
the two output nodes (i.e., IOUTA or IOUTB) via PMOS differ-
ential current switches. The switches are based on a new archi-
tecture that drastically improves distortion performance. This
new switch architecture reduces various timing errors and pro-
vides matching complementary drive signals to the inputs of the
differential current switches.
The analog and digital sections of the AD9709 have separate
power supply inputs (i.e., AVDD and DVDD) that can operate
independently over a 3 V to 5.5 V range. The digital section,
which is capable of operating up to a 125 MSPS clock rate,
consists of edge-triggered latches and segment decoding logic
circuitry. The analog section includes the PMOS current sources,
the associated differential switches, a 1.20 V bandgap voltage
reference and two reference control amplifiers.
The full-scale output current of each DAC is regulated by sepa-
rate reference control amplifiers and can be set from 2 mA to
20 mA via an external resistor, RSET, connected to the Full-Scale
Adjust (FSADJ) pin. The external resistor, in combination with
both the reference control amplifier and voltage reference VREFIO,
sets the reference current IREF, which is replicated to the seg-
mented current sources with the proper scaling factor. The full-
scale current, IOUTFS, is 32
× IREF.
REFERENCE OPERATION
The AD9709 contains an internal 1.20 V bandgap reference.
This can be easily overridden by an external reference with no
effect on performance. REFIO serves as either an input or output
depending on whether the internal or an external reference is
used. To use the internal reference, simply decouple the REFIO
pin to ACOM with a 0.1
µF capacitor. The internal reference
voltage will be present at REFIO. If the voltage at REFIO is to
be used elsewhere in the circuit, an external buffer amplifier
with an input bias current of less than 100 nA should be used.
An example of the use of the internal reference is shown in
Figure 21.
An external reference can be applied to REFIO as shown in
Figure 22. The external reference may provide either a fixed
reference voltage to enhance accuracy and drift performance or
a varying reference voltage for gain control. Note that the 0.1
µF
compensation capacitor is not required since the internal refer-
ence is overridden, and the relatively high-input impedance of
REFIO minimizes any loading of the external reference.
GAINCTRL MODE
The AD9709 allows the gain of each channel to be set indepen-
dently by connecting one RSET resistor to FSADJ1 and another
RSET resistor to FSADJ2. To add flexibility and reduce system
cost, a single RSET resistor can be used to set the gain of both
channels simultaneously.
When GAINCTRL is low (i.e., connected to AGND), the inde-
pendent channel gain control mode using two resistors is enabled.
In this mode, individual RSET resistors should be connected to
FSADJ1 and FSADJ2. When GAINCTRL is high (i.e., connected
to AVDD), the master/slave channel gain control mode using one
resistor is enabled. In this mode, a single RSET resistor is con-
nected to FSADJ1 and the resistor on FSADJ2 can be removed.
DIGITAL DATA INPUTS
IREF1
IREF2
AVDD
DB0-DB7
GAINCTRL
WRT1/
IQWRT
1.2V REF
RSET2
2k
CHANNEL 1 LATCH
CHANNEL 2 LATCH
PMOS
CURRENT
SOURCE
ARRAY
PMOS
CURRENT
SOURCE
ARRAY
SEGMENTED
SWITCHES
FOR DAC1
SEGMENTED
SWITCHES
FOR DAC2
LSB
SWITCH
LSB
SWITCH
MULTIPLEXING LOGIC
AD9709
DCOM
MODE
SLEEP
CLK2/
IQRESET
CLK1/
IQCLK
5V
FSADJ1
RSET1
2k
REFIO
0.1 F
FSADJ2
DB0-DB7
WRT2/
IQSEL
5V
DVDD
DAC2
LATCH
DAC1
LATCH
CLK
DIVIDER
ACOM
IOUTA1
IOUTB1
RL1A
50
VOUT1A
RL1B
50
VOUT1B
RL2A
50
VOUT2A
RL2B
50
VOUT2B
IOUTA2
IOUTB2
VDIFF = VOUTA – VOUTB
Figure 20. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com