Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9709AST Datasheet(PDF) 7 Page - Analog Devices

Part # AD9709AST
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709AST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9709AST Datasheet HTML 3Page - Analog Devices AD9709AST Datasheet HTML 4Page - Analog Devices AD9709AST Datasheet HTML 5Page - Analog Devices AD9709AST Datasheet HTML 6Page - Analog Devices AD9709AST Datasheet HTML 7Page - Analog Devices AD9709AST Datasheet HTML 8Page - Analog Devices AD9709AST Datasheet HTML 9Page - Analog Devices AD9709AST Datasheet HTML 10Page - Analog Devices AD9709AST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
REV. 0
AD9709
–7–
Typical Characterization Curves
(AVDD = 5 V, DVDD = 3.3 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = 25 C, SFDR up to Nyquist, unless
otherwise noted)
75
70
60
65
45
1
10
100
fOUT – MHz
0.1
50
55
fCLK = 5MSPS
fCLK = 65MSPS
fCLK = 125MSPS
fCLK = 25MSPS
Figure 3. SFDR vs. fOUT @ 0 dBFS
–12dBFS
fOUT – MHz
45
05
25
10
15
20
70
65
60
55
50
30
35
0dBFS
–6dBFS
75
Figure 6. SFDR vs. fOUT @ 65 MSPS
AOUT – dBFS
2
5MSPS /0.46MHz
–25
–19
–7
65
40
50
45
55
60
–16
70
–22
–13 –10
–4
–1
75
10MSPS/0.91MHz
25MSPS/2.27MHz
65MSPS/5.91MHz
125MSPS/11.37MHz
Figure 9. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
0
2.5
0.5
1
1.5
2
70
55
50
45
0 dBFS
–6 dBFS
–12 dBFS
75
fOUT – MHz
65
60
Figure 4. SFDR vs. fOUT @ 5 MSPS
fOUT – MHz
45
0
10
50
20
30
40
75
70
65
55
50
60
60
70
0dBFS
–6dBFS
–12dBFS
Figure 7. SFDR vs. fOUT @ 125 MSPS
AOUT – dBFS
45
0
–20
–15
–5
65
50
55
40
60
70
–10
5MSPS/1.0MHz
75
–25
10MSPS/2.0MHz
25MSPS/5.0MHz
65MSPS/13.0MHz
125MSPS/5.0MHz
Figure 10. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/5
fOUT – MHz
0
212
4
6
8
10
65
60
55
45
50
0dBFS
–6dBFS
–12dBFS
70
75
Figure 5. SFDR vs. fOUT @ 25 MSPS
fOUT – MHz
50
0
10
20
30
75
70
60
55
65
515
25
IOUTFS = 5mA
IOUTFS = 10mA
IOUTFS = 20mA
45
35
Figure 8. SFDR vs. fOUT and IOUTFS
@ 65 MSPS and 0 dBFS
AOUT – dBFS
75
0
–20
–10
–5
55
40
50
60
–15
45
3.3/3.4MHz
@25MSPS
8.8/9.8MHz
@65MSPS
–25
65
70
0.965/1.035MHz
@7MSPS
16.9/18.1Mz
@125MSPS
Figure 11. Dual-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com