Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD9765AST
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765AST Datasheet(HTML) 5 Page - Analog Devices

  AD9765AST Datasheet HTML 1Page - Analog Devices AD9765AST Datasheet HTML 2Page - Analog Devices AD9765AST Datasheet HTML 3Page - Analog Devices AD9765AST Datasheet HTML 4Page - Analog Devices AD9765AST Datasheet HTML 5Page - Analog Devices AD9765AST Datasheet HTML 6Page - Analog Devices AD9765AST Datasheet HTML 7Page - Analog Devices AD9765AST Datasheet HTML 8Page - Analog Devices AD9765AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. B
AD9765
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
1–12
PORT1
Data Bits DB11–P1 to DB0–P1.
13, 14, 35, 36
NC
No Connect.
15, 21
DCOM1, DCOM2
Digital Common.
16, 22
DVDD1, DVDD2
Digital Supply Voltage.
17
WRT1/IQWRT
Input write signal for PORT 1 (IQWRT in interleaving mode).
18
CLK1/IQCLK
Clock input for DAC1 (IQCLK in interleaving mode).
19
CLK2/IQRESET
Clock input for DAC2 (IQRESET in interleaving mode).
20
WRT2/IQSEL
Input write signal for PORT 2 (IQSEL in interleaving mode).
23–34
PORT2
Data Bits DB11–P2 to DB0–P2.
37
SLEEP
Power-Down Control Input.
38
ACOM
Analog Common.
39, 40
IOUTA2, IOUTB2
“PORT 2” differential DAC current outputs.
41
FSADJ2
Full-scale current output adjust for DAC2.
42
GAINCTRL
GAINCTRL Mode (0 = 2 resistor, 1 = 1 resistor.)
43
REFIO
Reference Input/Output.
44
FSADJ1
Full-scale current output adjust for DAC1.
45, 46
IOUTB1, IOUTA1
“PORT 1” differential DAC current outputs.
47
AVDD
Analog Supply Voltage.
48
MODE
Mode Select (1 = Dual Port, 0 = Interleaved).
PIN CONFIGURATION
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
36
35
34
33
32
31
30
29
28
27
26
25
NC = NO CONNECT
AD9765
NC
NC
DB0-P2
DB1-P2
DB2-P2
DB3-P2
DB4-P2
DB5-P2
DB6-P2
DB7-P2
DB8-P2
DB9-P2
DB11-P1 (MSB)
DB10-P1
DB9-P1
DB8-P1
DB7-P1
DB6-P1
DB5-P1
DB4-P1
DB3-P1
DB2-P1
DB1-P1
DB0-P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com