Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765AST Datasheet(PDF) 1 Page - Analog Devices

Part # AD9765AST
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765AST Datasheet(HTML) 1 Page - Analog Devices

  AD9765AST Datasheet HTML 1Page - Analog Devices AD9765AST Datasheet HTML 2Page - Analog Devices AD9765AST Datasheet HTML 3Page - Analog Devices AD9765AST Datasheet HTML 4Page - Analog Devices AD9765AST Datasheet HTML 5Page - Analog Devices AD9765AST Datasheet HTML 6Page - Analog Devices AD9765AST Datasheet HTML 7Page - Analog Devices AD9765AST Datasheet HTML 8Page - Analog Devices AD9765AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9765
1
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
12-Bit, 125 MSPS
Dual TxDAC+® D/A Converter
FUNCTIONAL BLOCK DIAGRAM
“1”
LATCH
“1”
DAC
REFIO
FSADJ1
FSADJ2
GAINCTRL
REFERENCE
BIAS
GENERATOR
IOUTA1
IOUTB1
SLEEP
IOUTA2
IOUTB2
DIGITAL
INTERFACE
AD9765
PORT1
PORT2
WRT1
WRT2
DVDD
DCOM
AVDD
ACOM
CLK1
CLK2
MODE
“2”
DAC
“2”
LATCH
FEATURES
12-Bit Dual Transmit DAC
125 MSPS Update Rate
Excellent SFDR to Nyquist @ 5 MHz Output: 75 dBc
Excellent Gain and Offset Matching: 0.1%
Fully Independent or Single Resistor Gain Control
Dual Port or Interleaved Data
On-Chip 1.2 V Reference
Single 5 V or 3 V Supply Operation
Power Dissipation: 380 mW @ 5 V
Power-Down Mode: 50 mW @ 5 V
48-Lead LQFP
APPLICATIONS
Communications
Base Stations
Digital Synthesis
Quadrature Modulation
PRODUCT DESCRIPTION
The AD9765 is a dual port, high speed, two channel, 12-bit
CMOS DAC. It integrates two high quality 12-bit TxDAC+
cores, a voltage reference and digital interface circuitry into a small
48-lead LQFP package. The AD9765 offers exceptional ac and
dc performance while supporting update rates up to 125 MSPS.
The AD9765 has been optimized for processing I and Q data in
communications applications. The digital interface consists of
two double-buffered latches as well as control logic. Separate
write inputs allow data to be written to the two DAC ports
independent of one another. Separate clocks control the update
rate of the DACs.
A mode control pin allows the AD9765 to interface to two separate
data ports, or to a single interleaved high speed data port. In inter-
leaving mode the input data stream is demuxed into its original
I and Q data and then latched. The I and Q data is then con-
verted by the two DACs and updated at half the input data rate.
The GAINCTRL pin allows two modes for setting the full-scale
current (IOUTFS) of the two DACs. IOUTFS for each DAC can be
set independently using two external resistors, or IOUTFS for both
DACs can be set by using a single external resistor.
2
The DACs utilize a segmented current source architecture com-
bined with a proprietary switching technique to reduce glitch
energy and to maximize dynamic accuracy. Each DAC provides
differential current output thus supporting single-ended or dif-
ferential applications. Both DACs can be simultaneously updated
and provide a nominal full-scale current of 20 mA. The full-
scale currents between each DAC are matched to within 0.1%.
The AD9765 is manufactured on an advanced low cost CMOS
process. It operates from a single supply of 3.0 V to 5.0 V and
consumes 380 mW of power.
PRODUCT HIGHLIGHTS
1. The AD9765 is a member of a pin-compatible family of dual
TxDACs providing 8-, 10-, 12-, and 14-bit resolution.
2. Dual 12-Bit, 125 MSPS DACs: A pair of high performance
DACs optimized for low distortion performance provide for
flexible transmission of I and Q information.
3. Matching: Gain matching is typically 0.1% of full scale, and
offset error is better than 0.02%.
4. Low Power: Complete CMOS Dual DAC function operates
on 380 mW from a 3.0 V to 5.0 V single supply. The DAC
full-scale current can be reduced for lower power operation,
and a sleep mode is provided for low power idle periods.
5. On-Chip Voltage Reference: The AD9765 includes a 1.20 V
temperature-compensated bandgap voltage reference.
6. Dual 12-Bit Inputs: The AD9765 features a flexible dual-
port interface allowing dual or interleaved input data.
TxDAC+ is a registered trademark of Analog Devices, Inc.
1Patent pending.
2Please see GAINCTRL Mode section, for important date code information on
this feature.


Similar Part No. - AD9765AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9765AST AD-AD9765AST Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9765ASTRL AD-AD9765ASTRL Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9765ASTZ AD-AD9765ASTZ Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9765ASTZRL AD-AD9765ASTZRL Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
More results

Similar Description - AD9765AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9709 AD-AD9709 Datasheet
466Kb / 27P
8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.0
AD9752 AD-AD9752 Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9767 AD-AD9767 Datasheet
469Kb / 27P
14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com