Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD9765AST
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9765AST Datasheet HTML 11Page - Analog Devices AD9765AST Datasheet HTML 12Page - Analog Devices AD9765AST Datasheet HTML 13Page - Analog Devices AD9765AST Datasheet HTML 14Page - Analog Devices AD9765AST Datasheet HTML 15Page - Analog Devices AD9765AST Datasheet HTML 16Page - Analog Devices AD9765AST Datasheet HTML 17Page - Analog Devices AD9765AST Datasheet HTML 18Page - Analog Devices AD9765AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
REV. B
AD9765
–15–
AD9765
IOUTA
IOUTB
500
225
225
500
25
25
AD8047
COPT
Figure 34. DC Differential Coupling Using an Op Amp
The differential circuit shown in Figure 35 provides the neces-
sary level-shifting required in a single supply system. In this
case AVDD, which is the positive analog supply for both the
AD9765 and the op amp, is also used to level-shift the differ-
ential output of the AD9765 to midsupply (i.e., AVDD/2). The
AD8055 is a suitable op amp for this application.
AD9765
IOUTA
IOUTB
COPT
500
225
225
500
25
25
AD8055
1k
AVDD
Figure 35. Single Supply DC Differential Coupled Circuit
SINGLE-ENDED UNBUFFERED VOLTAGE OUTPUT
Figure 36 shows the AD9765 configured to provide a unipolar
output range of approximately 0 V to +0.5 V for a doubly ter-
minated 50
Ω cable since the nominal full-scale current, I
OUTFS,
of 20 mA flows through the equivalent RLOAD of 25
Ω. In this
case, RLOAD represents the equivalent load resistance seen by
IOUTA or IOUTB. The unused output (IOUTA or IOUTB) can be
connected to ACOM directly or via a matching RLOAD. Differ-
ent values of IOUTFS and RLOAD can be selected as long as the
positive compliance range is adhered to. One additional con-
sideration in this mode is the integral nonlinearity (INL) as
discussed in the Analog Output section of this data sheet. For
optimum INL performance, the single-ended, buffered voltage
output configuration is suggested.
AD9765
IOUTA
IOUTB
50
25
50
VOUTA = 0 TO +0.5V
IOUTFS = 20mA
Figure 36. 0 V to 0.5 V Unbuffered Voltage Output
SINGLE-ENDED, BUFFERED VOLTAGE OUTPUT
CONFIGURATION
Figure 37 shows a buffered single-ended output configuration
in which the op amp U1 performs an I-V conversion on the
AD9765 output current. U1 maintains IOUTA (or IOUTB) at a
virtual ground, thus minimizing the nonlinear output imped-
ance effect on the DAC’s INL performance as discussed in
the Analog Output section. Although this single-ended con-
figuration typically provides the best dc linearity perform-
ance, its ac distortion performance at higher DAC update
rates may be limited by U1’s slewing capabilities. U1 pro-
vides a negative unipolar output voltage and its full-scale
output voltage is simply the product of RFB and IOUTFS. The
full-scale output should be set within U1’s voltage output
swing capabilities by scaling IOUTFS and/or RFB. An improve-
ment in ac distortion performance may result with a reduced
IOUTFS since the signal current U1 will be required to sink
will be subsequently reduced.
AD9765
IOUTA
IOUTB
COPT
200
U1
VOUT = IOUTFS
RFB
IOUTFS = 10mA
RFB
200
Figure 37. Unipolar Buffered Voltage Output
POWER AND GROUNDING CONSIDERATIONS, POWER
SUPPLY REJECTION
Many applications seek high speed and high performance under
less than ideal operating conditions. In these application cir-
cuits, the implementation and construction of the printed circuit
board is as important as the circuit design. Proper RF tech-
niques must be used for device selection, placement and rout-
ing, as well as power supply bypassing and grounding to ensure
optimum performance. Figures 45 to 52 illustrate the recom-
mended printed circuit board ground, power and signal plane
layouts which are implemented on the AD9765 evaluation board.
One factor that can measurably affect system performance is the
ability of the DAC output to reject dc variations or ac noise
superimposed on the analog or digital dc power distribution.
This is referred to as the Power Supply Rejection Ratio. For dc
variations of the power supply, the resulting performance of the
DAC directly corresponds to a gain error associated with the
DAC’s full-scale current, IOUTFS. AC noise on the dc supplies is
common in applications where the power distribution is gener-
ated by a switching power supply. Typically, switching power
supply noise will occur over the spectrum from tens of kHz to
several MHz. The PSRR vs. frequency of the AD9765 AVDD
supply over this frequency range is shown in Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com