Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765AST Datasheet(PDF) 17 Page - Analog Devices

Part # AD9765AST
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765AST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9765AST Datasheet HTML 13Page - Analog Devices AD9765AST Datasheet HTML 14Page - Analog Devices AD9765AST Datasheet HTML 15Page - Analog Devices AD9765AST Datasheet HTML 16Page - Analog Devices AD9765AST Datasheet HTML 17Page - Analog Devices AD9765AST Datasheet HTML 18Page - Analog Devices AD9765AST Datasheet HTML 19Page - Analog Devices AD9765AST Datasheet HTML 20Page - Analog Devices AD9765AST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. B
AD9765
–17–
FREQUENCY – MHz
4.85
4.90
4.95
5.00
5.05
5.10
5.15
–90
–80
–70
–60
–50
–40
–30
–100
–120
–110
Figure 40b. Notch in Missing Bin at 5 MHz Is Down
>60 dB (Peak Amplitude = 0 dBm)
Using the AD9765 for Quadrature Amplitude Modulation
QAM is one of the most widely used digital modulation schemes
in digital communications systems. This modulation technique
can be found in FDM as well as spread spectrum (i.e., CDMA)
based systems. A QAM signal is a carrier frequency that is
modulated in both amplitude (i.e., AM modulation) and phase
(i.e., PM modulation). It can be generated by independently
modulating two carriers of identical frequency but with a 90
°
phase difference. This results in an in-phase (I) carrier compo-
nent and a quadrature (Q) carrier component at a 90
° phase
shift with respect to the I component. The I and Q components
are then summed to provide a QAM signal at the specified car-
rier frequency.
A common and traditional implementation of a QAM modula-
tor is shown in Figure 41. The modulation is performed in the
analog domain in which two DACs are used to generate the
baseband I and Q components. Each component is then typi-
cally applied to a Nyquist filter before being applied to a
quadrature mixer. The matching Nyquist filters shape and limit
each component’s spectral envelope while minimizing inter-
symbol interference. The DAC is typically updated at the QAM
symbol rate or possibly a multiple of it if an interpolating filter
precedes the DAC. The use of an interpolating filter typically
eases the implementation and complexity of the analog filter,
which can be a significant contributor to mismatches in gain and
phase between the two baseband channels. A quadrature mixer
modulates the I and Q components with the in-phase and
quadrature carrier frequency and then sums the two outputs to
provide the QAM signal.
Σ
DAC
CARRIER
FREQUENCY
12
12
TO
MIXER
NYQUIST
FILTERS
QUADRATURE
MODULATOR
DAC
DSP
OR
ASIC
0
90
Figure 41. Typical Analog QAM Architecture
In this implementation, it is much more difficult to maintain
proper gain and phase matching between the I and Q channels.
The circuit implementation shown in Figure 42 helps improve
upon the matching between the I and Q channels, as well as
showing a path for up-conversion using the AD8346 quadrature
modulator. The AD9765 provides both I and Q DACs as well
as a common reference that will improve the gain matching and
stability. RCAL can be used to compensate for any mismatch in
gain between the two channels. The mismatch may be attrib-
uted to the mismatch between RSET1 and RSET2, effective load
resistance of each channel, and/or the voltage offset of the con-
trol amplifier in each DAC. The differential voltage outputs of
both DACs in the AD9765 are fed into the respective differen-
tial inputs of the AD8346 via matching networks.
IOUTA
IOUTB
QOUTA
QOUTB
0.1 F
RA
AVDD
RA
AVDD
RL
RB
RA
AD976X
0 TO IOUTFS
VDAC
VMOD
AD8346
DCOM
FS ADJ I
TEKTRONICS
AWG2021
W/OPTION 4
0.1 F
DVDD
AVDD
RSET
3.9k
VPBF
BBIP
BBIN
BBQP
BBQN
AD8346
LOIP
LOIN
VOUT
+
PHASE
SPLITTER
CFILTER
IQSEL
SLEEP
“I” DAC
LATCH
ACOM
AD9765
IQCLK
IQWRT
“Q” DAC
LATCH
CA
CB
LA
LA
CA
CB
LA
LA
RL
RL
RL
RL
“I”
DAC
“Q”
DAC
RSET
3.9k
FS ADJ Q
REFIO
RL
RB
RB
RB
RB
RL
RL
RL
RA
RA
RHODE & SCHWARZ
SIGNAL GENERATOR
RHODE &
SCHWARZ
RFSEA30B
SPECTRUM
ANALYZER
DAC'S FULL-SCALE OUTPUT CURRENT = IOUTFS
NOTE: RA, RB, AND RL ARE THIN FILM RESISTOR NETWORKS
WITH 0.1% MATCHING, 1% ACCURACY AVAILABLE FROM
OHMTEK ORNXXXXD SERIES
RL = 200
RA = 2500
RB = 500
RP = 200
CA = 280pf
CB = 45pf
LA = 10 H
OUIFS = 11mA
AVDD = 5.0V
VCM = 1.2V
VDIFF = 1.82V p–p
DIFFERENTIAL
RLC FILTER
MODE
Figure 42. Baseband QAM Implementation Using an AD9765 and AD8346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com