Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 6Page - Analog Devices AD9772EB Datasheet HTML 7Page - Analog Devices AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices AD9772EB Datasheet HTML 10Page - Analog Devices AD9772EB Datasheet HTML 11Page - Analog Devices AD9772EB Datasheet HTML 12Page - Analog Devices AD9772EB Datasheet HTML 13Page - Analog Devices AD9772EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
REV. 0
AD9772
–10–
AOUT – dBFS
90
85
50
–25
0
75
70
65
60
80
55
–20
–15
–10
–5
fDATA = 25MSPS
fDATA = 10MSPS
fDATA = 65MSPS
fDATA = 150MSPS
Figure 13. “In-Band” Single-Tone
SFDR vs. AOUT @ fOUT = fDATA/11
AOUT – dBFS
90
85
50
–25
0
75
70
65
60
80
55
–20
–15
–10
–5
fDATA = 25MSPS
fDATA = 10MSPS
fDATA = 65MSPS
fDATA = 150MSPS
Figure 16. “In-Band” Single-Tone
SFDR vs. AOUT @ fOUT = fDATA/3
TEMPERATURE – C
90
85
50
–50
–10
70
10
30
50
70
65
60
55
80
75
fDATA @ 150MSPS
–30
90
110
Figure 19. “In-Band” Single-Tone
SFDR vs. Temperature @ fOUT = 5 MHz,
AOUT = 0 dBFS
AOUT – dBFS
90
85
50
–25
0
75
70
65
60
80
55
–20
–15
–10
–5
fDATA = 25MSPS
fDATA = 10MSPS
fDATA = 65MSPS
fDATA = 150MSPS
Figure 14 “In-Band” Dual-Tone SFDR
vs. AOUT @ fOUT = fDATA/11
AOUT – dBFS
90
85
50
–25
0
75
70
65
60
80
55
–20
–15
–10
–5
fDATA = 25MSPS
fDATA = 10MSPS
fDATA = 65MSPS
fDATA = 150MSPS
Figure 17. “In-Band” Dual-Tone
SFDR vs. AOUT @ fOUT = fDATA/3
AVDD – Volts
85
80
50
2.5
3.7
70
65
60
75
55
2.7
2.9
3.1
3.3
3.5
fDATA = 25MSPS
fDATA = 10MSPS
fDATA = 65MSPS
fDATA = 150MSPS
Figure 20. “In-Band” Dual-Tone
SFDR vs. AVDD @ fOUT = fDATA/4,
AOUT = 0 dBFS
AOUT – dBFS
90
85
50
–25
–20
0
–15
–10
–5
70
65
60
55
80
75
fDATA @ 150MSPS
fDATA @ 65MSPS
fDATA @ 25MSPS
Figure 15. “In-Band” Single-Tone
SNR vs. AOUT @ fOUT = fDATA/11
AOUT – dBFS
90
85
50
–25
–20
0
–15
–10
–5
70
65
60
55
80
75
fDATA @ 150MSPS
fDATA @ 65MSPS
fDATA @ 25MSPS
Figure 18. “In-Band” Dual-Tone
SNR vs. AOUT @ fOUT = fDATA/3
TEMPERATURE – C
90
85
50
–50
70
75
70
65
60
80
55
–30
–10
10
30
50
90
110
fDATA = 25MSPS
fDATA = 10MSPS
fDATA = 65MSPS
fDATA = 150MSPS
Figure 21. “In-Band” Single-Tone
SFDR vs. Temperature @ fOUT =
fDATA/11, AOUT = 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com