Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 2 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 2 Page - Analog Devices

  AD9772EB Datasheet HTML 1Page - Analog Devices AD9772EB Datasheet HTML 2Page - Analog Devices AD9772EB Datasheet HTML 3Page - Analog Devices AD9772EB Datasheet HTML 4Page - Analog Devices AD9772EB Datasheet HTML 5Page - Analog Devices AD9772EB Datasheet HTML 6Page - Analog Devices AD9772EB Datasheet HTML 7Page - Analog Devices AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
REV. 0
–2–
AD9772–SPECIFICATIONS
(TMIN to TMAX, AVDD = +3 V, CLKVDD = +3 V, PLLVDD = 0 V, DVDD = +3 V, IOUTFS = 20 mA, unless otherwise
noted)
DC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
RESOLUTION
14
Bits
DC ACCURACY1
Integral Linearity Error (INL)
±3.5
LSB
Differential Nonlinearity (DNL)
±2.0
LSB
Monotonicity (12-Bit)
Guaranteed Over Specified Temperature Range
ANALOG OUTPUT
Offset Error
–0.025
+0.025
% of FSR
Gain Error (Without Internal Reference)
–2
±0.5
+2
% of FSR
Gain Error (With Internal Reference)
–5
±1.5
+5
% of FSR
Full-Scale Output Current2
20
mA
Output Compliance Range
–1.0
+1.25
V
Output Resistance
200
k
Ω
Output Capacitance
3
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current
3
1
µA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance (REFLO = 3 V)
10
M
Ω
Small Signal Bandwidth
0.5
MHz
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
0
ppm of FSR/
°C
Gain Drift (Without Internal Reference)
±50
ppm of FSR/
°C
Gain Drift (With Internal Reference)
±100
ppm of FSR/
°C
Reference Voltage Drift
±50
ppm/
°C
POWER SUPPLY
AVDD
Voltage Range
2.7
3.0
3.6
V
Analog Supply Current (IAVDD)34
37
mA
Analog Supply Current in SLEEP Mode (IAVDD)
4.3
6
mA
PLLVDD4
Voltage Range
2.7
3.0
3.6
V
PLL Clock Multiplier Supply Current (IPLLVDD)
4.5
6
mA
CLKVDD
Voltage Range
2.7
3.0
3.6
V
Clock Supply Current (ICLKVDD)
5.5
7
mA
DVDD5
Voltage Range
2.7
3.0
3.6
V
Digital Supply Current (IDVDD)29
33
mA
Nominal Power Dissipation5
205
231
mW
Power Supply Rejection Ratio (PSRR)6 – AVDD
–0.6
+0.6
% of FSR/V
Power Supply Rejection Ratio (PSRR)6 – DVDD
–0.025
+0.025
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at IOUTA driving a virtual ground.
2Nominal full-scale current, I
OUTFS, is 32
× the I
REF current.
3Use an external amplifier to drive any external load.
4Measured at f
DATA = 100 MSPS and f OUT = 1 MHz, PLLVDD = 3.0 V.
5Measured at f
DATA = 50 MSPS and f OUT = 1 MHz.
6Measured over a 2.7 V to 3.6 V range.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com