Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 1 Page - Analog Devices

  AD9772EB Datasheet HTML 1Page - Analog Devices AD9772EB Datasheet HTML 2Page - Analog Devices AD9772EB Datasheet HTML 3Page - Analog Devices AD9772EB Datasheet HTML 4Page - Analog Devices AD9772EB Datasheet HTML 5Page - Analog Devices AD9772EB Datasheet HTML 6Page - Analog Devices AD9772EB Datasheet HTML 7Page - Analog Devices AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9772
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
14-Bit, 150 MSPS TxDAC+™
with 2
Interpolation Filter
FEATURES
Single 2.7 V to 3.6 V Supply
14-Bit DAC Resolution and Input Data Width
150 MSPS Input Data Rate
63.3 MHz Reconstruction Passband @ 150 MSPS
75 dBc SFDR @ 25 MHz
2
Interpolation Filter with High or Low Pass Response
73 dB Image Rejection with 0.005 dB Passband Ripple
“Zero-Stuffing” Option for Enhanced Direct IF
Performance
Internal 2 /4
Clock Multiplier
205 mW Power Dissipation; 13 mW with Power-Down
Mode
48-Lead LQFP Package
APPLICATIONS
Communication Transmit Channel
WCDMA Base Stations, Multicarrier Base Stations,
Direct IF Synthesis
Instrumentation
PRODUCT DESCRIPTION
The AD9772 is a single supply, oversampling, 14-bit digital-to-
analog converter (DAC) optimized for baseband or IF waveform
reconstruction applications requiring exceptional dynamic range.
Manufactured on an advanced CMOS process, it integrates a
complete, low distortion 14-bit DAC with a 2
× digital interpola-
tion filter and clock multiplier. The on-chip PLL clock multi-
plier provides all the necessary clocks for the digital filter and the
14-bit DAC. A flexible differential clock input allows for a single-
ended or differential clock driver for optimum jitter performance.
For baseband applications, the 2
× digital interpolation filter
provides a low pass response, hence providing up to a three-fold
reduction in the complexity of the analog reconstruction filter. It
does so by multiplying the input data rate by a factor of two
while simultaneously suppressing the original upper inband
image by more than 73 dB. For direct IF applications, the 2
×
digital interpolation filter response can be reconfigured to select
the upper inband image (i.e., high pass response) while sup-
pressing the original baseband image. To increase the signal
level of the higher IF images and their passband flatness in di-
rect IF applications, the AD9772 also features a “zero stuffing”
option in which the data following the 2
× interpolation filter is
upsampled by a factor of two by inserting midscale data samples.
The AD9772 can reconstruct full-scale waveforms with band-
widths as high as 63.3 MHz while operating at an input data rate of
150 MSPS. The 14-bit DAC provides differential current out-
puts to support differential or single-ended applications. A
segmented current source architecture is combined with a propri-
etary switching technique to reduce spurious components and
enhance dynamic performance. Matching between the two
current outputs ensures enhanced dynamic performance in a
differential output configuration. The differential current out-
puts may be fed into a transformer or a differential op amp
topology to obtain a single-ended output voltage using an ap-
propriate resistive load.
The on-chip bandgap reference and control amplifier are config-
ured for maximum accuracy and flexibility. The AD9772 can be
driven by the on-chip reference or by a variety of external refer-
ence voltages. The full-scale current of the AD9772 can be
adjusted over a 2 mA to 20 mA range, thus providing additional
gain ranging capabilities.
The AD9772 is available in a 48-lead LQFP package and speci-
fied for operation over the industrial temperature range of –40
°C
to +85
°C.
PRODUCT HIGHLIGHTS
1. A flexible, low power 2
× interpolation filter supporting re-
construction bandwidths of up to 63.3 MHz can be config-
ured for a low or high pass response with 73 dB of image
rejection for traditional baseband or direct IF applications.
2. A “zero-stuffing” option enhances direct IF applications.
3. A low glitch, fast settling 14-bit DAC provides exceptional
dynamic range for both baseband and direct IF waveform
reconstruction applications.
4. The AD9772 digital interface, consisting of edge-triggered
latches and a flexible differential or single-ended clock input,
can support input data rates up to 150 MSPS.
5. On-chip PLL clock multiplier generates all of the internal high
speed clocks required by the interpolation filter and DAC.
6. The current output(s) of the AD9772 can easily be configured
for various single-ended or differential circuit topologies.
TxDAC+ is a trademark of Analog Devices, Inc.
FUNCTIONAL BLOCK DIAGRAM
14-BIT DAC
ZERO
STUFF
MUX
2
FIR
INTERPOLATION
FILTER
EDGE-
TRIGGERED
LATCHES
CLOCK DISTRIBUTION
AND MODE SELECT
2 /4
MUX
CONTROL
FILTER
CONTROL
1 /2
1
PLL CLOCK
MULTIPLIER
+1.2V REFERENCE
AND CONTROL AMP
AD9772
CLKCOM CLKVDD
MOD0 MOD1
RESET
PLLLOCK
DIV0 DIV1
CLK+
CLK–
DATA
INPUTS
(DB13...DB0)
SLEEP
DCOM
DVDD
ACOM
AVDD
REFLO
PLLCOM
LPF
PLLVDD
IOUTA
IOUTB
REFIO
FSADJ


Similar Part No. - AD9772EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772EB AD-AD9772EB Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
More results

Similar Description - AD9772EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
246Kb / 23P
Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV.A
AD9772A AD-AD9772A Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9774 AD-AD9774 Datasheet
313Kb / 24P
14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV.B
AD9775 AD-AD9775 Datasheet
5Mb / 48P
14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV.0
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com