Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 15Page - Analog Devices AD9772EB Datasheet HTML 16Page - Analog Devices AD9772EB Datasheet HTML 17Page - Analog Devices AD9772EB Datasheet HTML 18Page - Analog Devices AD9772EB Datasheet HTML 19Page - Analog Devices AD9772EB Datasheet HTML 20Page - Analog Devices AD9772EB Datasheet HTML 21Page - Analog Devices AD9772EB Datasheet HTML 22Page - Analog Devices AD9772EB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
REV. 0
AD9772
–19–
RATIO – fOUT/fDATA
120
0
0
0.45
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
100
80
60
40
20
fDATA = 25MSPS
fDATA = 65MSPS
fDATA = 150MSPS
fDATA = 125MSPS
fDATA = 100MSPS
fDATA = 50MSPS
Figure 39. IDVDD vs. Ratio @ DVDD = 3 V
fDATA – MSPS
9
0
0
160
20
40
60
80
100
120
140
8
7
6
5
4
3
2
1
ICLKVDD
IPLLVDD
Figure 40. IPLLVDD and ICLKVDD vs. fDATA
APPLYING THE AD9772
OUTPUT CONFIGURATIONS
The following sections illustrate some typical output configura-
tions for the AD9772. Unless otherwise noted, it is assumed
that IOUTFS is set to a nominal 20 mA for optimum performance.
For applications requiring the optimum dynamic performance, a
differential output configuration is highly recommended. A
differential output configuration may consist of either an RF
transformer or a differential op amp configuration. The trans-
former configuration provides the optimum high frequency
performance and is recommended for any application allowing
for ac coupling. The differential op amp configuration is suitable
for applications requiring dc coupling, a bipolar output, signal
gain and/or level shifting.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to an appropriately
sized load resistor, RLOAD, referred to ACOM. This configura-
tion may be more suitable for a single-supply system requiring a
dc-coupled, ground-referred output voltage. Alternatively, an
amplifier could be configured as an I-V converter, thus convert-
ing IOUTA or IOUTB into a negative unipolar voltage. This
configuration provides the best dc linearity since IOUTA or
IOUTB is maintained at a virtual ground.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion as shown in Figure 41. A
differentially-coupled transformer output provides the optimum
distortion performance for output signals whose spectral content
lies within the transformer’s passband. An RF transformer such
as the Mini-Circuits T1-1T provides excellent rejection of
common-mode distortion (i.e., even-order harmonics) and noise
over a wide frequency range. It also provides electrical isolation
and the ability to deliver twice the power to the load. Trans-
formers with different impedance ratios may also be used for
impedance matching purposes. Note that the transformer
provides ac coupling only and its linearity performance degrades
at the low end of its frequency range due to core saturation.
OPTIONAL
RDIFF
RLOAD
MINI-CIRCUITS
T1-1T
AD9772
IOUTA
IOUTB
Figure 41. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to ACOM to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages
appearing at IOUTA and IOUTB (i.e., VOUTA and VOUTB)
swing symmetrically around ACOM and should be maintained
with the specified output compliance range of the AD9772. A
differential resistor, RDIFF, may be inserted in applications in
which the output of the transformer is connected to the load,
RLOAD, via a passive reconstruction filter or cable. RDIFF is deter-
mined by the transformer’s impedance ratio and provides the
proper source termination that results in a low VSWR (Voltage
Standing Wave Ratio). Note that approximately half the signal
power will be dissipated across RDIFF.
DIFFERENTIAL COUPLING USING AN OP AMP
An op amp can also be used to perform a differential-to-single-
ended conversion as shown in Figure 42. The AD9772 is con-
figured with two equal load resistors, RLOAD, of 25
Ω. The
differential voltage developed across IOUTA and IOUTB is
converted to a single-ended signal via the differential op amp
configuration. An optional capacitor can be installed across
IOUTA and IOUTB, forming a real pole in a low-pass filter.
The addition of this capacitor also enhances the op amp’s dis-
tortion performance by preventing the DAC’s high slewing
output from overloading the op amp’s input.
AD9772
IOUTA
IOUTB
AD8055
COPT
25
25
225
225
500
500
Figure 42. DC Differential Coupling Using an Op Amp
The common-mode rejection of this configuration is typically
determined by the resistor matching. In this circuit, the differ-
ential op amp circuit using the AD8055 is configured to provide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com