Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9773EB
Description  12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9773EB Datasheet HTML 5Page - Analog Devices AD9773EB Datasheet HTML 6Page - Analog Devices AD9773EB Datasheet HTML 7Page - Analog Devices AD9773EB Datasheet HTML 8Page - Analog Devices AD9773EB Datasheet HTML 9Page - Analog Devices AD9773EB Datasheet HTML 10Page - Analog Devices AD9773EB Datasheet HTML 11Page - Analog Devices AD9773EB Datasheet HTML 12Page - Analog Devices AD9773EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AD9773
9
PRELIMINARY TECHNICAL DATA
DEFINITIONS OF SPECIFICATIONS
Linearity Error (Also Called Integral Nonlinearity
or INL)
Linearity error is defined as the maximum deviation of
the actual analog output from the ideal output, deter-
mined by a straight line drawn from zero to full scale.
Differential Nonlinearity (or DNL)
DNL is the measure of the variation in analog value,
normalized to full scale, associated with a 1 LSB change
in digital input code.
Monotonicity
A D/A converter is monotonic if the output either
increases or remains constant as the digital input in-
creases.
Offset Error
The deviation of the output current from the ideal of
zero is called offset error. For IOUTA, 0 mA output is
expected when the inputs are all 0s. For IOUTB, 0 mA
output is expected when all inputs are set to 1s.
Gain Error
The difference between the actual and ideal output
span. The actual span is determined by the output
when all inputs are set to 1s, minus the output when all
inputs are set to 0s.
Output Compliance Range
The range of allowable voltage at the output of a cur-
rent-output DAC. Operation beyond the maximum
compliance limits may cause either output stage satu-
ration or breakdown, resulting in nonlinear perfor-
mance.
Temperature Drift
Temperature drift is specified as the maximum change
from the ambient (+25°C) value to the value at either
TMIN or TMAX. For offset and gain drift, the drift is
reported in ppm of full-scale range (FSR) per degree
C. For reference drift, the drift is reported in ppm per
degree C.
Power Supply Rejection
The maximum change in the full-scale output as the
supplies are varied from minimum to maximum speci-
fied voltages.
Settling Time
The time required for the output to reach and remain
within a specified error band about its final value,
measured from the start of the output transition.
Glitch Impulse
Asymmetrical switching times in a DAC give rise to
undesired output transients that are quantified by a
glitch impulse. It is specified as the net area of the
glitch in pV-s.
Spurious-Free Dynamic Range
The difference, in dB, between the rms amplitude of
the output signal and the peak spurious signal over the
specified bandwidth.
Total Harmonic Distortion
THD is the ratio of the rms sum of the first six har-
monic components to the rms value of the measured
fundamental. It is expressed as a percentage or in deci-
bels (dB).
Signal-to-Noise Ratio (SNR)
S/N is the ratio of the rms value of the measured out-
put signal to the rms sum of all other spectral com-
ponents below the Nyquist frequency, excluding the
first six harmonics and dc. The value for SNR is ex-
pressed in decibels.
Interpolation Filter
If the digital inputs to the DAC are sampled at a mul-
tiple rate of fDATA (interpolation rate), a digital filter
can be constructed which has a sharp transition band
near fDATA/2. Images which would typically appear
around fDAC (output data rate) can be greatly supressed.
Passband
Frequency band in which any input applied therein
passes unattenuated to the DAC output.
Stopband Rejection
The amount of attenuation of a frequency outside the
passband applied to the DAC, relative to a full-scale
signal applied at the DAC input within the passband.
Group Delay
Number of input clocks between an impulse applied at
the device input and peak DAC output current. A half-
band FIR filter has constant group delay over its entire
frequency range
Impulse Response
Response of the device to an impulse applied to the
input.
Adjacent Channel Power Ratio (or ACPR)
A ratio in dBc between the measured power within a
channel relative to its adjacent channel.
Complex Modulation
The process of passing the real and imaginary compo-
nents of a signal through a complex modulator (trans-
fer function = e
j
ωt = cosωt+jsinωt) and realizing real
and imaginary components on the modulator output.
Complex Image Rejection
In a traditional two part upconversion, two images are
created around the second IF frequency. These images
are redundant and have the effect of wasting transmit-
ter power and system bandwidth. By placing the real
part of a second complex modulator in series with the
first complex modulator, either the upper or lower
frequency image near the second IF can be rejected.
REV. PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com