Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9773EB
Description  12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9773EB Datasheet HTML 11Page - Analog Devices AD9773EB Datasheet HTML 12Page - Analog Devices AD9773EB Datasheet HTML 13Page - Analog Devices AD9773EB Datasheet HTML 14Page - Analog Devices AD9773EB Datasheet HTML 15Page - Analog Devices AD9773EB Datasheet HTML 16Page - Analog Devices AD9773EB Datasheet HTML 17Page - Analog Devices AD9773EB Datasheet HTML 18Page - Analog Devices AD9773EB Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD9773
16
PRELIMINARY TECHNICAL DATA
interpolation rate.The input data rate must also match
this clock speed. Note that in this mode, the data rate at
the input to the interpolation filters is the same as the
input data rate at ports one and two.
PLL DISABLED, ONE PORT MODE
The one port mode is selected by setting control reg-
ister 02h, bit 6, to logic 1. Data to the I and Q channels
must now be multiplexed onto the data entering data
port 1. Pin 32 (ONEPORTCLK) is now a clock signal
output . Because the multiplexed data must run at twice
the data rate of the inputs to the I and Q channels, the
speed of ONEPORTCLK is defined as 2
× the speed of
the clock at CLK+/CLK-, divided by the interpolation
rate. Pin 31 (IQSEL) can be used to select the I or Q
channels for input. IQSEL =1, followed by a rising
clock edge will latch the input data into the I channel,
while IQSEL =0, followed by a rising clock edge will
latch the input data into the Q channel.
One port mode is very useful when interfacing with
devices, such as the Analog Devices AD6622Transmit
Signal Processor, in which two digital data channels
have been interlaced (multiplexed).
As defined in control register 02h, bit 7, the AD9773
can accept either signed or unsigned input data.
DIGITAL FILTER MODES
The I and Q data paths of the AD9773 each have their
own independent half-band FIR filters, providing up to
8
× interpolation for each channel. Each channel consists
of 3 FIR filters. Figure 1 shows the response of the
digital filters when the AD9773 is set to 2
×, 4×, and 8×
modes. Note that the frequency axis of these graphs
have been normalized to the output data rate of the
DAC. As the graphs show, the digital filters can provide
greater than 75dB of out of band rejection.
MODULATION MODES
INTERPOLATING (NO MODULATION)
With control register 01h, bits 5 and 4, set to 00, the
digital modulators on the AD9773 are disabled.The
AD9773 operates in this mode simply as a dual interpo-
lating (1
×, 2×, 4×, 8×) DAC. Filter responses for this
mode are defined in Figure 1.
INTERPOLATING (REAL MIX MODULATION)
The digital modulators in the AD9773 can be enabled
by setting control register 01h, bits 5 and 4, to corre-
spond to the desired fs/2, fs/4, fs/8 modulation mode
(see register descriptions on page 11). Real mix mode is
enabled by setting control register 01h, bit 2, to a logic
1. In this mode, the modulators act individually on each
data path, with no complex mixing between modulators.
Figure 9. Real and Imaginary Components of Sinusoidal
and Cosinusoidal Waveforms.
INTERPOLATING (COMPLEX MIX MODE)
Complex Modulation is enabled by setting control
register 01h, bit 2, to a logic 0. In this mode the two
digital modulators on the AD9773 are coupled to
provide a complex modulation function. In conjunction
with an external quadrature modulator, this complex
modulation can be used to realize a transmit image
rejection architecture.The complex modulation function
can be programmed for e+jωt or e-jωt to give upper or
lower image rejection.The modulation frequency
ω can
be programmed via the SPI port for fs/2, fs/4 and fs/8,
where fs represents the DAC output rate.
AMPLITUDE MODULATION
Given two sine waves at the same frequency, but with a
90 phase difference, a point of view in time can be taken
such the waveform which leads in phase is cosinusoidal,
and the waveform which lags is sinusoidal. Analysis of
complex variables states that the cosine waveform can
then be defined with real positive and negative fre-
quency components, while the sine waveform consists of
imaginary positive and negative frequency components.
These waves are shown graphically in the frequency
domain in figure 9.
Amplitude modulating a real baseband signal with a
sine or a cosine convolves the baseband signal with the
modulating carrier in the frequency domain. Amplitude
scaling of the modulated signal occurs and is dependent
on whether the modulating carrier is sine or cosinusoid-
al, again with respect to the reference point of the
viewer. An example of sine and cosine modulation is
given in figure 10.
OPERATIONS ON COMPLEX SIGNALS
Truly complex signals can not be realized outside of a
computer simulation. However, two data channels, both
consisting of real data, can be defined as the real and
imaginary components of a complex signal. I (real) and
Q (imaginary) data paths are often defined this way. By
dc
ejωt/2
e-jωt/2
cosine
dc
ejωt/2j
e-jωt/2j
sine
REV. PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com