Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9773EB
Description  12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9773EB Datasheet HTML 8Page - Analog Devices AD9773EB Datasheet HTML 9Page - Analog Devices AD9773EB Datasheet HTML 10Page - Analog Devices AD9773EB Datasheet HTML 11Page - Analog Devices AD9773EB Datasheet HTML 12Page - Analog Devices AD9773EB Datasheet HTML 13Page - Analog Devices AD9773EB Datasheet HTML 14Page - Analog Devices AD9773EB Datasheet HTML 15Page - Analog Devices AD9773EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AD9773
12
PRELIMINARY TECHNICAL DATA
Address 03h Bit 1,0
Setting this divide ratio to a higher number allows the VCO in the PLL to run at a high rate (for
best performance) while the DAC input and output clocks run substantially slower. The
divider ratio is set according to the following table:
00
÷1
01
÷2
10
÷4
11
÷8
Address 04h Bit 7
Logic 0 (default) disables the internal PLL. Logic 1 enables the PLL.
Bit 6
Logic 0 (default) sets the charge pump control to automatic. In this mode, the charge pump
bias current is controlled by the divider ratio defined in address 3h, bits 1 and 0. Logic 1
allows the user to manually define the charge pump bias current using address 4h, bits 2, 1
and 0. Adjusting the charge pump bias current allows the user to optimize the noise/settling
performance of the PLL.
Bit 2,1,0
With the charge pump control set to manual, these bits define the charge pump bias current
according to the following table:
000
50
µamps
001
100
010
200
011
400
100
800
Address 05h,09h
Bits 7-0 These bits represent an 8 bit binary number (bit 7, MSB) which defines the fine gain
adjustment of the I (5h) and Q (9h) DAC according to the equation given below.
Address 06h,0Ah
Bits 3-0 These bits represent a 4 bit binary number (bit 3, MSB) which defines the coarse
gain adjustment of the I (6h) and Q (Ah) DACs according to the equation below.
Address 07h,0Bh
Bits 7-0
Address 08h,0Ch
Bit 1,0
The ten bits from these two address pairs (7h,8h and Bh,Ch) represent a 10 bit
binary number which defines the offset adjustment of the I and Q DACs according to
the equation below (7h,Bh - bit 7 MSB / 8h,Ch - bit 0 LSB)
Address 08h,0Ch
Bit 7
This bit determines the direction of the offset of the I (8h) and Q (Ch) DACs. A logic
0 will apply a positive offset current to I
OUTA, while a logic 1 will apply a positive
offset current to I
OUTB. The magnitude of the offset current is defined by the bits in
addresses 7h,Bh,8h,Ch according the the formulas given below.
Figure 2. I
OUTA and IOUTB as a function of fine gain, coarse gain and offset adjustment.
*Note that I
REF is different for the one resistor and two resistor (1R,2R) modes. See the
description for 1R/2R mode control on page 11 (address 0h, bit 2) for the value I
REF of in
either mode.
×
 ×
−
+
 ×
=
16
REF
REF
OUTA
2
data
24
1024
256
fine
32
I
3
16
1
coarse
8
I
6
I


×
 ×
−
+
 ×
=
16
16
REF
REF
OUTB
2
1
-
data
-
2
24
1024
256
fine
32
I
3
16
1
coarse
8
I
6
I
(1R Mode)
(2R Mode)
×
=
1024
OFFSET
I
4
I
REF
OFFSET
×
=
1024
OFFSET
I
2
I
REF
OFFSET
REV. PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com