Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773EB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9773EB
Description  12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773EB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9773EB Datasheet HTML 11Page - Analog Devices AD9773EB Datasheet HTML 12Page - Analog Devices AD9773EB Datasheet HTML 13Page - Analog Devices AD9773EB Datasheet HTML 14Page - Analog Devices AD9773EB Datasheet HTML 15Page - Analog Devices AD9773EB Datasheet HTML 16Page - Analog Devices AD9773EB Datasheet HTML 17Page - Analog Devices AD9773EB Datasheet HTML 18Page - Analog Devices AD9773EB Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
AD9773
19
PRELIMINARY TECHNICAL DATA
TOP VIEW
(PINS DOWN)
1
21
41
40
60
61
80
20
0.559 (14.20)
0.543 (13.80)
SQ
0.476 (12.10)
0.469 (11.90)
SQ
0.020 (0.50)
BSC
0.011 (0.27)
0.007 (0.17)
0.063 (1.60)
MAX
0.030 (0.75)
0.020 (0.50)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.003 (0.08)
MAX
0.057 (1.45)
0.053 (1.35)
ST-80A
80-Lead Thin Plastic Quad Flatpack - 1.4mm Thick [LQFP]
REV. PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com