Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9816JS Datasheet(PDF) 6 Page - Analog Devices

Part # AD9816JS
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816JS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9816JS Datasheet HTML 2Page - Analog Devices AD9816JS Datasheet HTML 3Page - Analog Devices AD9816JS Datasheet HTML 4Page - Analog Devices AD9816JS Datasheet HTML 5Page - Analog Devices AD9816JS Datasheet HTML 6Page - Analog Devices AD9816JS Datasheet HTML 7Page - Analog Devices AD9816JS Datasheet HTML 8Page - Analog Devices AD9816JS Datasheet HTML 9Page - Analog Devices AD9816JS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9816
–6–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9816 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
To
Min
Max
Units
VIN, VREF
AVSS
–0.3
AVDD + 0.3
V
PGA Outputs
AVSS
–0.3
AVDD + 0.3
V
Clock Inputs
DVSS
–0.3
DVDD + 0.3
V
AVDD
AVSS
–0.5
+6.5
V
DVDD
DVSS
–0.5
+6.5
V
DRVDD
DRVSS
–0.5
+6.5
V
AVSS
DVSS
–0.3
+0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
Digital Inputs
DVSS
–0.3
DVDD + 0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9816JS
0
°C to +70°C
44-Lead MQFP (Metric) Plastic Quad Flatpack
S-44
AD9816JS-80010
0
°C to +70°C
44-Lead MQFP (Metric) Plastic Quad Flatpack
S-44
AD9816-EB
Evaluation Board
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com