Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9816JS Datasheet(PDF) 15 Page - Analog Devices

Part # AD9816JS
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816JS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9816JS Datasheet HTML 8Page - Analog Devices AD9816JS Datasheet HTML 9Page - Analog Devices AD9816JS Datasheet HTML 10Page - Analog Devices AD9816JS Datasheet HTML 11Page - Analog Devices AD9816JS Datasheet HTML 12Page - Analog Devices AD9816JS Datasheet HTML 13Page - Analog Devices AD9816JS Datasheet HTML 14Page - Analog Devices AD9816JS Datasheet HTML 15Page - Analog Devices AD9816JS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD9816
–15–
REV. A
AVDD
AVSS
CAPT
CAPT
CAPB
CAPB
VREF
CML
VINR
AVSS
VING
DRVSS
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DVSS
SLOAD
SDATA
SCLK
AD9816
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
0.01 F
0.1 F
VDD
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
SLOAD
SDATA
SCLK
0.01 F
0.1 F
VDD
RED_IN
GREEN_IN
BLUE_IN
1.0 F
+
0.1 F
10 F
+
10 F
0.1 F
0.1 F
0.1 F
0.01 F
0.1 F
VDD
VDD
0.1 F
0.01 F
ADCCLK
CDSCLK2
CDSCLK1
0.1 F
1.0 F
VDD
R1
R2
OPTIONAL DC OFFSET
GROUND-REFERENCED SAMPLING
NC = NO CONNECT
Figure 21. Recommended Circuit for SHA Mode
SHA Mode Circuit
The circuit configuration for SHA mode is identical to CDS
mode except for two differences: the analog inputs should be
dc-coupled, and the OFFSET pin is tied to ground or a desired
dc voltage (see Circuit Descriptions). In CIS applications, the
reference black level of the CIS can be connected to the OFF-
SET pin, to remove the dc offset. Removing the coarse offset of
the CIS signal will allow the dynamic range of the AD9816 to
be maximized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com