Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9816JS Datasheet(PDF) 14 Page - Analog Devices

Part # AD9816JS
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816JS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9816JS Datasheet HTML 8Page - Analog Devices AD9816JS Datasheet HTML 9Page - Analog Devices AD9816JS Datasheet HTML 10Page - Analog Devices AD9816JS Datasheet HTML 11Page - Analog Devices AD9816JS Datasheet HTML 12Page - Analog Devices AD9816JS Datasheet HTML 13Page - Analog Devices AD9816JS Datasheet HTML 14Page - Analog Devices AD9816JS Datasheet HTML 15Page - Analog Devices AD9816JS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD9816
–14–
REV. A
APPLICATIONS INFORMATION
CDS Mode Circuit
The recommended circuit configuration for CDS mode opera-
tion is shown in Figure 20. The input coupling capacitor value
of 1200 pF is recommended, but this value may be adjusted to
suit a particular application (see Circuit Descriptions). A single
ground plane is recommended for the AD9816. A separate power
supply may be used for DRVDD, the digital driver supply, but this
AVDD
AVSS
CAPT
CAPT
CAPB
CAPB
VREF
CML
VINR
AVSS
VING
DRVSS
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DVSS
SLOAD
SDATA
SCLK
AD9816
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
0.01 F
0.1 F
VDD
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
SLOAD
SDATA
SCLK
0.01 F
0.1 F
VDD
1200pF
1200pF
1200pF
RED_IN
GREEN_IN
BLUE_IN
1.0 F
+
0.1 F
10 F
+
10 F
0.1 F
0.1 F
0.1 F
0.01 F
0.1 F
VDD
VDD
0.1 F
0.01 F
ADCCLK
CDSCLK2
CDSCLK1
VDD
1k
0.1 F
1.0 F
1.5k
NC = NO CONNECT
Figure 20. Recommended Circuit for CDS Mode
supply pin should still be decoupled to the same ground plane
as the rest of the AD9816. The loading of the digital outputs
should be minimized, either by using short traces to the digital
ASIC, or by using external digital buffers. All 0.01
µF and
0.1
µF decoupling capacitors should be located as close as pos-
sible to the AD9816 pins. Also, the 1200 pF input capacitors
should be located close the AD9816’s analog input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com