Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9816JS Datasheet(PDF) 7 Page - Analog Devices

Part # AD9816JS
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816JS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9816JS Datasheet HTML 3Page - Analog Devices AD9816JS Datasheet HTML 4Page - Analog Devices AD9816JS Datasheet HTML 5Page - Analog Devices AD9816JS Datasheet HTML 6Page - Analog Devices AD9816JS Datasheet HTML 7Page - Analog Devices AD9816JS Datasheet HTML 8Page - Analog Devices AD9816JS Datasheet HTML 9Page - Analog Devices AD9816JS Datasheet HTML 10Page - Analog Devices AD9816JS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD9816
–7–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin
Pin Name
Type
Description
1
AVDD
P
+5 V Analog Supply.
2
AVSS
P
Analog Ground.
3, 4
CAPT
AO
Reference Decoupling.
5, 6
CAPB
AO
Reference Decoupling.
7
VREF
AO
Internal Reference Output.
8
CML
AO
Internal Bias Level.
9
VINR
AI
Analog Input, Red Channel.
10
AVSS
P
Analog Ground.
11
VING
AI
Analog Input, Green Channel.
12
AVSS
P
Analog Ground.
13
VINB
AI
Analog Input, Blue Channel.
14
AVSS
P
Analog Ground.
15
AVDD
P
+5 V Analog Supply.
16
OFFSET
AI
Clamp bias level in CDS mode.
Offset adjustment input in SHA
mode.
17
CDSCLK1
DI
CDS Reset Level Sampling
Clock.
18
CDSCLK2
DI
CDS Data Level Sampling
Clock.
19
ADCCLK
DI
A/D Converter Sampling Clock.
20
DVSS
P
Digital Ground.
21
DVDD
P
+5 V Digital Supply.
22
NC
No Connect.
23
SCLK
DI
Clock Input for Serial Interface.
24
SDATA
DIO
Serial Data Input-Output.
25
SLOAD
DI
Load Pulse for Serial Interface.
26
DVSS
P
Digital Ground.
27
DB0
DO
Data Output (LSB).
28–32
DB1–DB5
DO
Data Outputs.
33
DRVSS
P
Digital Driver Ground.
34
DRVDD
P
Digital Driver Supply.
35–39
DB6–DB10
DO
Data Outputs.
40
DB11
DO
Data Output (MSB).
41
OEB
DI
Output Enable, Active Low.
42
NC
No Connect.
43
PGAOUT_C AO
PGA Output, Negative. This
pin should be left unconnected
except during evaluation.
44
PGAOUT_T AO
PGA Output, Positive. This pin
should be left unconnected
except during evaluation.
NOTES
See Applications Information for circuit configurations.
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input,
DO = Digital Output, DIO = Digital Input/Output, P = Power.
PIN CONFIGURATION
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
NC = NO CONNECT
DRVSS
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DVSS
SLOAD
SDATA
SCLK
AVDD
AVSS
CAPT
CAPT
CAPB
CAPB
VREF
CML
VINR
AVSS
VING
AD9816
34
35
36
37
38
39
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
33
32
31
30
29
28
27
26
25
24
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com