Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9822 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9822
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9822 Datasheet HTML 7Page - Analog Devices AD9822 Datasheet HTML 8Page - Analog Devices AD9822 Datasheet HTML 9Page - Analog Devices AD9822 Datasheet HTML 10Page - Analog Devices AD9822 Datasheet HTML 11Page - Analog Devices AD9822 Datasheet HTML 12Page - Analog Devices AD9822 Datasheet HTML 13Page - Analog Devices AD9822 Datasheet HTML 14Page - Analog Devices AD9822 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
REV. A
–13–
AD9822
Figure 12 shows how the OFFSET pin may be used in a CIS
application for coarse offset adjustment. Many CIS signals have
dc offsets ranging from several hundred millivolts to more than
1 V. By connecting the appropriate dc voltage to the OFFSET
pin, the CIS signal will be restored to “zero.” After the large dc
offset is removed, the signal can be scaled using the PGA to
maximize the ADC’s dynamic range.
AD9822
OFFSET
RED-OFFSET
GREEN-OFFSET
BLUE-OFFSET
VINR
VING
VINB
RED
GREEN
BLUE
0.1 F
AVDD
VREF FROM
CIS MODULE
DC OFFSET
R1
R2
SHA
SHA
SHA
Figure 12. SHA-Mode Used with External DC Offset
Programmable Gain Amplifiers
The AD9822 uses one Programmable Gain Amplifier (PGA) for
each channel. Each PGA has a gain range from 1x (0 dB) to
5.8x (15.5 dB), adjustable in 64 steps. Figure 6 shows the PGA
gain as a function of the PGA register code. Although the gain
curve is approximately “linear in dB”, the gain in V/V varies
nonlinearly with register code, following the equation:
Gain
G
=
+
−
57
14 7
63
63
.
.
where G is the decimal value of the gain register contents, and
varies from 0 to 63.
PGA REGISTER VALUE – Decimal
15
0
12
9
6
3
0
4
8
12 16 20 24 28 32 36 40 44 48 52 56 60 63
5.7
5.0
4.0
3.0
2.0
1.0
Figure 13. PGA Gain Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com