Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9822 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9822
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822 Datasheet(HTML) 4 Page - Analog Devices

  AD9822 Datasheet HTML 1Page - Analog Devices AD9822 Datasheet HTML 2Page - Analog Devices AD9822 Datasheet HTML 3Page - Analog Devices AD9822 Datasheet HTML 4Page - Analog Devices AD9822 Datasheet HTML 5Page - Analog Devices AD9822 Datasheet HTML 6Page - Analog Devices AD9822 Datasheet HTML 7Page - Analog Devices AD9822 Datasheet HTML 8Page - Analog Devices AD9822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REV. A
AD9822
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9822 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
With
Respect
Parameter
To
Min
Max
Unit
VIN, CAPT, CAPB
AVSS
–0.3
AVDD + 0.3
V
Digital Inputs
AVSS
–0.3
AVDD + 0.3
V
AVDD
AVSS
–0.5
+6.5
V
DRVDD
DRVSS
–0.5
+6.5
V
AVSS
DRVSS
–0.3
+0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Model
Range
Description
AD9822JR
0
°C to 70°C
28-Lead 300 Mil SOIC
AD9822JRS
0
°C to 70°C
28-Lead 5.3 mm SSOP
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 300 Mil SOIC
28-Lead 5.3 mm SSOP
θ
JA = 71.4
°C/W
θ
JA = 109
°C/W
θ
JC = 23
°C/W
θ
JC = 39
°C/W
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9822
CDSCLK1
AVDD
CDSCLK2
AVSS
ADCCLK
VINR
OEB
OFFSET
DRVDD
VING
DRVSS
CML
(MSB) D7
VINB
D6
CAPT
D5
CAPB
D4
AVSS
D3
AVDD
D2
SLOAD
D1
SCLK
(LSB) D0
SDATA
PIN FUNCTION DESCRIPTIONS
Pin
No.
Name
Type
Description
1
CDSCLK1
DI
CDS Reference Level Sampling
Clock
2
CDSCLK2
DI
CDS Data Level Sampling Clock
3
ADCCLK
DI
A/D Converter Sampling Clock
4
OEB
DI
Output Enable, Active Low
5
DRVDD
P
Digital Output Driver Supply
6
DRVSS
P
Digital Output Driver Ground
7
D7
DO
Data Output MSB. ADC DB13
High Byte, ADC DB5 Low Byte
8
D6
DO
Data Output. ADC DB12 High
Byte, ADC DB4 Low Byte
9
D5
DO
Data Output. ADC DB11 High
Byte, ADC DB3 Low Byte
10
D4
DO
Data Output. ADC DB10 High
Byte, ADC DB2 Low Byte
11
D3
DO
Data Output. ADC DB9 High
Byte, ADC DB1 Low Byte
12
D2
DO
Data Output. ADC DB8 High
Byte, ADC DB0 Low Byte
13
D1
DO
Data Output. ADC DB7 High
Byte, Don’t Care Low Byte
14
D0
DO
Data Output LSB. ADC DB6
High Byte, Don’t Care Low Byte
15
SDATA
DI/DO
Serial Interface Data Input/Output
16
SCLK
DI
Serial Interface Clock Input
17
SLOAD
DI
Serial Interface Load Pulse
18
AVDD
P
5 V Analog Supply
19
AVSS
P
Analog Ground
20
CAPB
AO
ADC Bottom Reference Voltage
Decoupling
21
CAPT
AO
ADC Top Reference Voltage
Decoupling
22
VINB
AI
Analog Input, Blue Channel
23
CML
AO
Internal Bias Level Decoupling
24
VING
AI
Analog Input, Green Channel
25
OFFSET
AO
Clamp Bias Level Decoupling
26
VINR
AI
Analog Input, Red Channel
27
AVSS
P
Analog Ground
28
AVDD
P
5 V Analog Supply
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO =
Digital Output, P = Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com