Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9822 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9822
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822 Datasheet(HTML) 2 Page - Analog Devices

  AD9822 Datasheet HTML 1Page - Analog Devices AD9822 Datasheet HTML 2Page - Analog Devices AD9822 Datasheet HTML 3Page - Analog Devices AD9822 Datasheet HTML 4Page - Analog Devices AD9822 Datasheet HTML 5Page - Analog Devices AD9822 Datasheet HTML 6Page - Analog Devices AD9822 Datasheet HTML 7Page - Analog Devices AD9822 Datasheet HTML 8Page - Analog Devices AD9822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REV. A
–2–
AD9822–SPECIFICATIONS
ANALOG SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
MAXIMUM CONVERSION RATE
3-Channel Mode with CDS
15
MSPS
1-Channel Mode with CDS
12.5
MSPS
ACCURACY (Entire Signal Path)
ADC Resolution
14
Bits
Integral Nonlinearity (INL)
–17.0/+3.5
LSB
INL @ 6 MHz
–10.5/+1.5
LSB
Differential Nonlinearity (DNL)
–0.65/+0.75
LSB
DNL @ 6 MHz
–1.0
–0.6/+0.65
+1.1
LSB
No Missing Codes
14
Bits
No Missing Codes @ 6 MHz
14
Bits
Offset Error
–240
–19
+200
mV
Gain Error
–1.4
+3.5
+6.9
% FSR
ANALOG INPUTS
Input Signal Range
1
2.0
V p-p
Allowable Reset Transient
1
1.0
V
Input Limits
2
AVSS – 0.3
AVDD + 0.3
V
Input Capacitance
10
pF
Input Bias Current
10
nA
AMPLIFIERS
PGA Gain at Minimum
1
V/V
PGA Gain at Maximum
5.7
V/V
PGA Gain Resolution
2
64
Steps
PGA Gain Monotonicity
Guaranteed
Programmable Offset at Minimum
–350
mV
Programmable Offset at Maximum
+350
mV
Programmable Offset Resolution
512
Steps
Programmable Offset Monotonicity
Guaranteed
NOISE AND CROSSTALK
Total Output Noise @ PGA Minimum
1.5
LSB rms
Total Output Noise @ PGA Maximum
6.0
LSB rms
Channel-Channel Crosstalk @ 6 MHz
<1
LSB
POWER SUPPLY REJECTION
AVDD = +5 V
± 0.25 V
0.063
0.9
% FSR
DIFFERENTIAL VREF (@ 25
°C)
CAPT–CAPB (2 V ADC Full-Scale Range)
0.94
1.0
1.06
V
TEMPERATURE RANGE
Operating
0
+70
°C
Storage
–65
+150
°C
POWER SUPPLIES
AVDD
4.75
5.0
5.25
V
DRVDD
3.0
5.0
5.25
V
OPERATING CURRENT
AVDD
73
mA
DRVDD
4
mA
Power-Down Mode Current
150
µA
POWER DISSIPATION
3-Channel Mode
385
450
mW
3-Channel Mode @ 6 MHz
335
410
mW
1-Channel Mode
300
mW
1-Channel Mode @ 6 MHz
250
mW
(TMIN to TMAX, AVDD = 5 V, DRVDD = 5 V, CDS Mode, fADCCLK = 15 MHz, fCDSCLK1 = fCDSCLK2 = 5 MHz, PGA
Gain = 1, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com