Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9822 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9822
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822 Datasheet(HTML) 3 Page - Analog Devices

  AD9822 Datasheet HTML 1Page - Analog Devices AD9822 Datasheet HTML 2Page - Analog Devices AD9822 Datasheet HTML 3Page - Analog Devices AD9822 Datasheet HTML 4Page - Analog Devices AD9822 Datasheet HTML 5Page - Analog Devices AD9822 Datasheet HTML 6Page - Analog Devices AD9822 Datasheet HTML 7Page - Analog Devices AD9822 Datasheet HTML 8Page - Analog Devices AD9822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
–3–
REV. A
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage
VOH
4.5
V
Low Level Output Voltage
VOL
0.1
V
High Level Output Current
IOH
50
µA
Low Level Output Current
IOL
50
µA
Specifications subject to change without notice.
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
CLOCK PARAMETERS
3-Channel Pixel Rate
tPRA
67
ns
1-Channel Pixel Rate
tPRB
80
ns
ADCCLK Pulsewidth
tADCLK
30
ns
CDSCLK1 Pulsewidth
tC1
10
ns
CDSCLK2 Pulsewidth
tC2
10
ns
CDSCLK1 Falling to CDSCLK2 Rising
tC1C2
0ns
ADCCLK Falling to CDSCLK2 Rising
tADC2
0ns
CDSCLK2 Rising to ADCCLK Rising
tC2ADR
0ns
CDSCLK2 Falling to ADCCLK Falling
tC2ADF
30
40
ns
CDSCLK2 Falling to CDSCLK1 Rising
tC2C1
30
40
ns
ADCCLK Falling to CDSCLK1 Rising
tADC1
0ns
Aperture Delay for CDS Clocks
tAD
2ns
SERIAL INTERFACE
Maximum SCLK Frequency
fSCLK
10
MHz
SLOAD to SCLK Setup Time
tLS
10
ns
SCLK to SLOAD Hold Time
tLH
10
ns
SDATA to SCLK Rising Setup Time
tDS
10
ns
SCLK Rising to SDATA Hold Time
tDH
10
ns
SCLK Falling to SDATA Valid
tRDV
10
ns
DATA OUTPUT
Output Delay
tOD
8ns
3-State to Data Valid
tDV
10
ns
Output Enable High to 3-State
tHZ
10
ns
Latency (Pipeline Delay)
3 (Fixed)
Cycles
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 5 V, DRVDD = 5 V, CDS Mode, fADCCLK = 15 MHz, fCDSCLK1 = fCDSCLK2 = 5 MHz,
CL = 10 pF, unless otherwise noted.)
(TMIN to TMAX, AVDD = 5 V, DRVDD = 5 V)
NOTES
1Linear input signal range is from 2 V to 4 V when the CCD’s reference level is clamped to 4 V by the AD9822’s input clamp.
1V TYP
RESET TRANSIENT
4V SET BY INPUT CLAMP (3V OPTION ALSO AVAILABLE)
2V p-p MAX INPUT SIGNAL RANGE
2The PGA Gain is approximately “linear in dB” and follows the equation: Gain
=
+
[
.
.[
]
]
57
14 7
63 –G
63
where G is the register value. See Figure 13.
Specifications subject to change without notice.
AD9822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com