Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9833 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9833
Description  2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices AD9833 Datasheet HTML 12Page - Analog Devices AD9833 Datasheet HTML 13Page - Analog Devices AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices AD9833 Datasheet HTML 16Page - Analog Devices AD9833 Datasheet HTML 17Page - Analog Devices AD9833 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AD9833
–18–
REV PrG
PRELIMINARY TECHNICAL DATA
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
10-Lead mSOIC Package
(RM-10)
0.0197 (0.50) BSC
0.122 (3.10)
0.114 (2.90)
1
0
6
5
1
0.199 (5.05)
0.187 (4.75)
PIN 1
0.122 (3.10)
0.114 (2.90)
0.012 (0.30)
0.006 (0.15)
0.037
(0.94)
0.031
(0.78)
SEATING
PLANE
0.120 (3.05)
0.112 (2.85)
0.043 (1.10)
MAX
0.006 (0.15)
0.002 (0.05)
0.028 (0.70)
0.016 (0.40)
0.009 (0.23)
0.005 (0.13)
6o
0
0.120 (3.05)
0.112 (2.85)
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com