Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9833 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9833
Description  2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 4 Page - Analog Devices

  AD9833 Datasheet HTML 1Page - Analog Devices AD9833 Datasheet HTML 2Page - Analog Devices AD9833 Datasheet HTML 3Page - Analog Devices AD9833 Datasheet HTML 4Page - Analog Devices AD9833 Datasheet HTML 5Page - Analog Devices AD9833 Datasheet HTML 6Page - Analog Devices AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AD9833
–4–
REV PrG
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VDD to AGND
. . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AGND to DGND. . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
CAP/2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.75 V
Digital I/O Voltage to DGND . –0.3 V to VDD + 0.3 V
Analog I/O Voltage to AGND . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . –65°C to +150°C
PIN CONFIGURATION
Maximum Junction Temperature . . . . . . . . . . . . . . 150°C
µSOIC Package
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . 206°C/W
θ
JC Thermal Impedance
. . . . . . . . . . . . . . . . . . . 44°C/W
Lead Temperature, Soldering (10 sec)
. . . . . . . . . 300°C
IR Reflow, Peak Temperature . . . . . . . . . . . . . . . 220°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9833BRM
– 40°C to +85°C
14-Pin
µSOIC
(Micro Small Outline IC )
RM-10
EVAL-AD9833EB
Evaluation Board
1
2
3
4
5
6
7
8
TOP VIEW
(Not to Scale)
VDD
CAP/2.5V
DGND
MCLK
VOUT
AGND
FSYNC
SCLK
SDATA
AD9833
10
9
COMP
PIN DESCRIPTION
Pin #
Mnemonic
Function
POWER SUPPLY
2
V D D
Positive power supply for the analog section and the digital interface sections.
The on board 2.5 V
regulator is also supplied from VDD. VDD can have a value from +2.3 V to +5.5 V. A 0.1 µF and
10 µF decoupling capacitor should be connected between VDD and AGND.
3
CAP/2.5V
The digital circuitry operates from a +2.5 V power supply. This +2.5 V is generated from VDD
using an on board regulator (when VDD exceeds +2.7 V). The regulator requires a decoupling
capacitor of typically 100 nF, which is connected from CAP/2.5V to DGND. If VDD is equal to
or less than +2.7 V, CAP/2.5V should be tied directly to VDD.
4
DGND
Digital Ground.
9
AGND
Analog Ground.
ANALOG SIGNAL AND REFERENCE
1
COMP
A DAC Bias Pin. This pin is used for de-coupling the DAC bias voltage.
10
VOUT
Voltage Output. The analog and digital output from the AD9833 is available at this pin.
An
external load resistor is not required as the device has a 200W resistor on board.
DIGITAL INTERFACE AND CONTROL
5
MCLK
Digital Clock Input. DDS output frequencies are expressed as a binary fraction of the frequency of
MCLK. The output frequency accuracy and phase noise are determined by this clock.
6
SDATA
Serial Data Input. The 16-bit serial data word is applied to this input.
7
SCLK
Serial Clock Input. Data is clocked into the AD9833 on each falling SCLK edge.
8
FSYNC
Active Low Control Input. This is the frame synchronisation signal for the input data. When
FSYNC is taken low, the internal logic is informed that a new word is being loaded into the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com