Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9833 Datasheet (PDF) - Analog Devices

AD9833 Datasheet PDF - Analog Devices
Part # AD9833
Download  AD9833 Download
File Size   210.37 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS

AD9833 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9833 Datasheet PDF - Analog Devices

Part # AD9833
Download  AD9833 Click to download

File Size   210.37 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS

AD9833 Datasheet (HTML) - Analog Devices


AD9833 Product details

GENERAL DESCRIPTION

The AD9833 is a low power, programmable waveform generato capable of producing sine, triangular, and square wave outputs Waveform generation is required in various types of sensing, actuation, and time domain reflectometry (TDR) applications. The output frequency and phase are software programmable, allowing easy tuning. No external components are needed.



FEATURES

Digitally programmable frequency and phase

12.65 mW power consumption at 3 V

0 MHz to 12.5 MHz output frequency range

28-bit resolution: 0.1 Hz at 25 MHz reference clock

Sinusoidal, triangular, and square wave outputs

2.3 V to 5.5 V power supply

No external components required

3-wire SPI interface

Extended temperature range: −40°C to +105°C

Power-down option

10-lead MSOP package

Qualified for automotive applications



APPLICATIONS

Frequency stimulus/waveform generation

Liquid and gas flow measurement

Sensory applications: proximity, motion, and defect detection

Line loss/attenuation

Test and medical equipment

Sweep/clock generators

Time domain reflectometry (TDR) applications



 




Similar Part No. - AD9833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
AD9833 AD-AD9833 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9833 AD-AD9833 Datasheet
423Kb / 21P
Programmable Waveform Generator
4/2018-Rev. E to Rev. F
AD9833 AD-AD9833 Datasheet
479Kb / 21P
Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
Rev. G
AD9833 AD-AD9833 Datasheet
736Kb / 10P
USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
Rev. A
More results


Similar Description - AD9833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
236Kb / 20P
Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9838 AD-AD9838 Datasheet
620Kb / 32P
11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com