Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9833 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9833
Description  2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 3 Page - Analog Devices

  AD9833 Datasheet HTML 1Page - Analog Devices AD9833 Datasheet HTML 2Page - Analog Devices AD9833 Datasheet HTML 3Page - Analog Devices AD9833 Datasheet HTML 4Page - Analog Devices AD9833 Datasheet HTML 5Page - Analog Devices AD9833 Datasheet HTML 6Page - Analog Devices AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AD9833
–3–
REV PrG
PRELIMINARY TECHNICAL DATA
TIMINGCHARACTERISTICS1 (V
DD = +2.3 V to +5.5 V; AGND = DGND = 0 V, unless otherwise noted)
Parameter
Limit at TMIN to TMAX
Units
Test Conditions/Comments
t1
40
ns min
MCLK Period
t2
16
ns min
MCLK High Duration
t3
16
ns min
MCLK Low Duration
t4
25
ns min
SCLK Period
t5
10
ns min
SCLK High Duration
t6
10
ns min
SCLK Low Duration
t7
5
ns min
FSYNC
 to SCLK Falling Edge Setup Time
t8
10
ns min
FSYNC to SCLK Hold Time
t4 - 5
ns max
t9
5
ns min
Data Setup Time
t10
3
ns min
Data Hold Time
1 Guaranteed by design, not production tested.
Figure 2. Master Clock
Figure 3. Serial Timing
MCLK
t2
t1
t3
SCLK
FSYNC
SDATA
t5
t4
t6
t7
t8
t10
t9
D15
D14
D2
D1
D0
D15
D14
Figure 1. Test Circuit With which Specifications are tested.
VOUT
COMP
12
AD9833
10-BIT DAC
SIN
ROM
20pF
10nF
VDD
REGULATOR
100nF
CAP/2.5V
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9833 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com