Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221 Datasheet(HTML) 1 Page - ON Semiconductor

  CS51221 Datasheet HTML 1Page - ON Semiconductor CS51221 Datasheet HTML 2Page - ON Semiconductor CS51221 Datasheet HTML 3Page - ON Semiconductor CS51221 Datasheet HTML 4Page - ON Semiconductor CS51221 Datasheet HTML 5Page - ON Semiconductor CS51221 Datasheet HTML 6Page - ON Semiconductor CS51221 Datasheet HTML 7Page - ON Semiconductor CS51221 Datasheet HTML 8Page - ON Semiconductor CS51221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 8
1
Publication Order Number:
CS51221/D
CS51221
Enhanced Voltage Mode
PWM Controller
The CS51221 fixed frequency feed forward voltage mode PWM
controller contains all of the features necessary for basic voltage mode
operation. This PWM controller has been optimized for high
frequency primary side control operation. In addition, this device
includes such features as: Soft−Start, accurate duty cycle limit control,
less than 50
mA startup current, over and undervoltage protection, and
bidirectional synchronization. The CS51221 is available in a 16 lead
SOIC narrow surface mount package.
Features
• 1.0 MHz Frequency Capability
• Fixed Frequency Voltage Mode Operation, with Feed Forward
• Thermal Shutdown
• Undervoltage Lock−Out
• Accurate Programmable Max Duty Cycle Limit
• 1.0 A Sink/Source Gate Drive
• Programmable Pulse−By−Pulse Overcurrent Protection
• Leading Edge Current Sense Blanking
• 75 ns Shutdown Propagation Delay
• Programmable Soft−Start
• Undervoltage Protection
• Overvoltage Protection with Programmable Hysteresis
• Bidirectional Synchronization
• 25 ns GATE Rise and Fall Time (1.0 nF Load)
• 3.3 V 3% Reference Voltage Output
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
VFB
ISET
1
16
COMP
RTCT
SS
OV
LGND
UV
VREF
FF
VCC
SYNC
PGND
ISENSE
VC
GATE
PIN CONNECTIONS AND
MARKING DIAGRAM
1
16
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
CS51221ED16
SOIC−16
48 Units / Rail
CS51221EDR16
SOIC−16 2500 Tape & Reel
CS51221EDR16G
SOIC−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
CS51221ED16G
SOIC−16
(Pb−Free)
48 Units / Rail
CS51221EDTB16G
TSSOP−16
(Pb−Free)
96 Units / Rail
CS51221EDTB16R2G TSSOP−16
(Pb−Free)
SOIC−16
D SUFFIX
CASE 751B
1
16
TSSOP−16
DTB SUFFIX
CASE 948F
CS51221= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
1
16
2500 Tape & Reel


Similar Part No. - CS51221

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
Enhanced Voltage Mode PWM Controller
Rev. 3/26/99
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS51221ED16 CHERRY-CS51221ED16 Datasheet
164Kb / 12P
Enhanced Voltage Mode PWM Controller
Rev. 3/26/99
logo
ON Semiconductor
CS51221ED16 ONSEMI-CS51221ED16 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Similar Description - CS51221

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
Enhanced Current Mode PWM Controller
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
Enhanced Voltage Mode PWM Controller
Rev. 3/26/99
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com