Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856AST Datasheet(PDF) 6 Page - Analog Devices

Part # AD9856AST
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856AST Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9856AST Datasheet HTML 2Page - Analog Devices AD9856AST Datasheet HTML 3Page - Analog Devices AD9856AST Datasheet HTML 4Page - Analog Devices AD9856AST Datasheet HTML 5Page - Analog Devices AD9856AST Datasheet HTML 6Page - Analog Devices AD9856AST Datasheet HTML 7Page - Analog Devices AD9856AST Datasheet HTML 8Page - Analog Devices AD9856AST Datasheet HTML 9Page - Analog Devices AD9856AST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9856
–6–
REV. B
Typical Modulated Output Spectral Plots
START 0Hz
5MHz/
STOP 50MHz
0
–8
REF LVL
–25dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT 10dB
VBW
1kHz
SWT
12.5s
Unit
dBm
Figure 1. QPSK at 42 MHz and 2.56 MS/s; 10.24 MHz
External Clock with REFCLK Multiplier = 12, CIC = 3,
HB3 On, 2
× Data
START 0Hz
4MHz/
STOP 40MHz
0
–8
REF LVL
–30dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT
10dB
VBW
1kHz
SWT
10s
UNIT
dBm
Figure 2. 64-QAM at 28 MHz and 6 MS/s; 36 MHz External
Clock with REFCLK Multiplier = 4, CIC = 2, HB3 Off, 3
× Data
START 0Hz
8MHz/
STOP 80MHz
0
–8
REF LVL
–25dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT
10dB
VBW
1kHz
SWT
20s
Unit
dBm
Figure 3. 16-QAM at 65 MHz and 2.56 MS/s; 10.24 MHz
External Clock with REFCLK Multiplier = 18, CIC = 9,
HB3 Off, 2
× Data
START 0Hz
5MHz/
STOP 50MHz
0
–8
REF LVL
–30dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT
10dB
VBW
1kHz
SWT
12.5s
UNIT
dBm
Figure 4. 256-QAM at 38 MHz and 6 MS/s; 48 MHz External
Clock with REFCLK Multiplier = 4, CIC = 2, HB3 Off, 4
× Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com