Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD9856AST
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9856AST Datasheet HTML 11Page - Analog Devices AD9856AST Datasheet HTML 12Page - Analog Devices AD9856AST Datasheet HTML 13Page - Analog Devices AD9856AST Datasheet HTML 14Page - Analog Devices AD9856AST Datasheet HTML 15Page - Analog Devices AD9856AST Datasheet HTML 16Page - Analog Devices AD9856AST Datasheet HTML 17Page - Analog Devices AD9856AST Datasheet HTML 18Page - Analog Devices AD9856AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9856
–15–
REV. B
Figure 24 describes the input timing for half word mode, burst
input timing operation.
In half word mode, data is input on the D<11:6> inputs. The
D<5:0> inputs are unused in this mode and should be tied to
DGND or DVDD. The AD9856 expects the data to be input in
the following manner: I<11:6>,I<5:0>,Q<11:6>,Q<5:0>.
Data is twos complement, the sign bit is D<11> in notation
I<11:0>,Q<11:0>.
The input sample rate for half word mode, when the third half-
band filter is engaged, is given by:
fIN = SYSCLK/2N
where N is the CIC interpolation rate.
The input sample rate for half word mode, when the third half-
band filter is not engaged is given by:
fIN = SYSCLK/N
where N is the CIC interpolation rate.
Figure 25 describes the input timing for quarter word, burst
input timing operation.
In quarter word mode, data is input on the D<11:9> inputs.
The D<8:0> inputs are unused in this mode and should be tied
to DGND or DVDD. The AD9856 expects the data to be input
in the following manner: I<11:9>, I<8:6>, I<5:3>, I<2:0>,
Q<11:9>, Q<8:6>, Q<5:3>, Q<2:0>. Data is twos comple-
ment, the sign bit is D<11> in notation I<11:0>, Q<11:0>.
The input sample rate for quarter word mode, when the third
half-band filter is engaged, is given by:
fIN = SYSCLK/N
where N is the CIC interpolation rate.
Please note that Half-Band Filter #3 must be engaged when operat-
ing in quarter word mode.
TxENABLE
D(11:0)
INTERNAL I
INTERNAL Q
I0
Q0
I1
Q1
I2
Q2
I3
Q3
I4
Q4
I0
I1
I2
I3
Q0
Q1
Q2
Q3
Figure 22. 12-Bit Input Mode, Classic Burst Timing
TxENABLE
D(11:0)
INTERNAL I
INTERNAL Q
I0
Q0
I1
Q1
I2
Q2
I3
Q3
I4
Q4
I0
I1
I2
I3
Q0
Q1
Q2
Q3
Figure 23. 12-Bit Input Mode, Alternate TxENABLE Timing
TxENABLE
D(11:6)
INTERNAL I
INTERNAL Q
I0
I1
Q0
Q1
I0(11:6)
I0(5:0)
Q0(5:0)
I1(11:6)
I1(5:0)
Q1(11:6)
Q1(5:0)
I2(11:6)
Q0(11:6)
I2(5:0)
Figure 24. 6-Bit Input Mode, Burst Mode Timing
I0(11:9)
I0(8:6)
I0(5:3)
I0(2:0)
Q0(11:9)
Q0(8:6)
Q0(5:3)
Q0(2:0)
I1(11:9)
I1(8:6)
TxENABLE
D(11:9)
INTERNAL I
INTERNAL Q
I0
Q0
Figure 25. 3-Bit Input Mode, Burst Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com