Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856AST Datasheet(PDF) 31 Page - Analog Devices

Part # AD9856AST
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856AST Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9856AST Datasheet HTML 24Page - Analog Devices AD9856AST Datasheet HTML 25Page - Analog Devices AD9856AST Datasheet HTML 26Page - Analog Devices AD9856AST Datasheet HTML 27Page - Analog Devices AD9856AST Datasheet HTML 28Page - Analog Devices AD9856AST Datasheet HTML 29Page - Analog Devices AD9856AST Datasheet HTML 30Page - Analog Devices AD9856AST Datasheet HTML 31Page - Analog Devices AD9856AST Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD9856
–31–
REV. B
AD8320/21
PROGRAMMABLE
CABLE DRIVER
AMPLIFIER
ENABLE AND GAIN CONTROL BUS
75
LP FILTER
AD9856
QUADRATURE DIGITAL
UPCONVERTER
CIU CONTROL PROCESSOR
DIRECT
CONTROL
LINES
CONTROL
BUS
75
TO
75
CABLE
PLANT
UPSTREAM
TO
DOWNSTREAM
DEMODULATOR
75
DATA IN
8-20MHz
REF CLOCK IN
Figure 43. Basic Implementation of AD9856 Digital Modulator and AD8320/AD8321 Programmable Cable Driver
Amplifier in 5 MHz–65 MHz HFC Return-Path Application
VDD
DIGITAL
OUT
IOUT IOUTB
VDD
VDD
DIGITAL
IN
Figure 44. Equivalent I/O Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com