Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856AST Datasheet(PDF) 17 Page - Analog Devices

Part # AD9856AST
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856AST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9856AST Datasheet HTML 13Page - Analog Devices AD9856AST Datasheet HTML 14Page - Analog Devices AD9856AST Datasheet HTML 15Page - Analog Devices AD9856AST Datasheet HTML 16Page - Analog Devices AD9856AST Datasheet HTML 17Page - Analog Devices AD9856AST Datasheet HTML 18Page - Analog Devices AD9856AST Datasheet HTML 19Page - Analog Devices AD9856AST Datasheet HTML 20Page - Analog Devices AD9856AST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9856
–17–
REV. B
HALF-BAND FILTERS (HBFs)
Before presenting a detailed description of the HBFs, recall that
the input data stream is representative of complex data; i.e., two
input samples are required to produce one I/Q data pair. The I/Q
sample rate is one-half the input data rate. The I/Q sample rate
(the rate at which I or Q samples are presented to the input of
the first half-band filter) will be referred to as fIQ. Since the
AD9856 is a quadrature modulator, fIQ represents the baseband
of the internal I/Q sample pairs. It should be emphasized here
that fIQ is not the same as the baseband of the user’s symbol rate
data, which must be upsampled before presentation to the AD9856
(as will be explained later). The I/Q sample rate (fIQ) puts a
limit on the minimum bandwidth necessary to transmit the fIQ
spectrum. This is the familiar Nyquist limit and is equal to one-
half fIQ, which hereafter will be referred to as fNYQ.
HBF 1 is a 47-tap filter that provides a factor-of-two increase in
sampling rate. HBF 2 is a 15-tap filter offering an additional
factor-of-two increase in sampling rate. Together, HBF 1 and 2
provide a factor-of-four increase in the sampling rate (4
× f
IQ or
8
× f
NYQ). Their combined insertion loss is a mere 0.01 dB, so
virtually no loss of signal level occurs through the first two HBFs.
HBF 3 is an 11-tap filter and, if selected, increases the sampling
rate by an additional factor of two. Thus, the output sample rate
of HBF 3 is 8
× f
IQ or 16
× f
NYQ. HBF 3 exhibits 0.03 dB of
signal level loss. As such, the loss in signal level through all
three HBFs is only 0.04 dB and may be ignored for all practi-
cal purposes.
In relation to phase response, all three HBFs are linear phase
filters. As such, virtually no phase distortion is introduced within
the passband of the filters. This is an important feature as phase
distortion is generally intolerable in a data transmission system.
In addition to knowledge of the insertion loss and phase re-
sponse of the HBFs, some knowledge of the frequency response
of the HBFs is useful as well. The combined frequency response
of HBF 1 and 2 is shown in Figure 29.
The usable bandwidth of the filter chain puts a limit on the maxi-
mum data rate that can be propagated through the AD9856. A
look at the passband detail of the HBF 1 and 2 response indi-
cates that in order to maintain an amplitude error of no more
than 1 dB, we are restricted to signals having a bandwidth of no
more than about 90% of fNYQ. Thus, in order to keep the band-
width of the data in the flat portion of the filter passband, the
user must oversample the baseband data by at least a factor of
two prior to presenting it to the AD9856. Note that without
oversampling, the Nyquist bandwidth of the baseband data
corresponds to the fNYQ. As such, the upper end of the data
bandwidth will suffer 6 dB or more of attenuation due to the
frequency response of HBF 1 and 2. Furthermore, if the base-
band data applied to the AD9856 has been pulse shaped there is
an additional concern. Typically, pulse shaping is applied to the
baseband data via a filter having a raised cosine response. In
such cases, an
α value is used to modify the bandwidth of the
data where the value of
α is such that 0 ≤ α ≤ 1. A value of 0
causes the data bandwidth to correspond to the Nyquist band-
width. A value of 1 causes the data bandwidth to be extended to
twice the Nyquist bandwidth. Thus, with 2
× oversampling of
the baseband data and
α = 1, the Nyquist bandwidth of the data
will correspond with the I/Q Nyquist bandwidth. As stated
earlier, this results in problems near the upper edge of the data
bandwidth due to the frequency response of HBF 1 and 2.
3.5
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
–30
–100
0
0.5
1.0
1.5
2.0
2.5
3.0
4.0
–40
–50
–60
–70
–80
–90
10
0
–10
–20
a. Half-Band 1 and 2 Frequency Response
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
1
–6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
–1
–2
–3
–4
–5
0.9
1.0
b. Passband Detail
Figure 29. Combined Frequency Response of HBF 1 and 2
To reiterate, the user must oversample their baseband data by at
least a factor of two (2). In addition, there is a further restriction
on pulse shaping. That is, the maximum value of
α that can be
implemented is 0.8. This is because the data bandwidth be-
comes: 1/2(1 +
α) f
NYQ = 0.9 fNYQ, which puts the data band-
width at the extreme edge of the flat portion of the filter response.
If a particular application requires an
α value between 0.8 and
1, then the user must oversample the baseband data by at least a
factor of four (4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com