Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9875BSTRL Datasheet(PDF) 12 Page - Analog Devices

Part # AD9875BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875BSTRL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9875BSTRL Datasheet HTML 8Page - Analog Devices AD9875BSTRL Datasheet HTML 9Page - Analog Devices AD9875BSTRL Datasheet HTML 10Page - Analog Devices AD9875BSTRL Datasheet HTML 11Page - Analog Devices AD9875BSTRL Datasheet HTML 12Page - Analog Devices AD9875BSTRL Datasheet HTML 13Page - Analog Devices AD9875BSTRL Datasheet HTML 14Page - Analog Devices AD9875BSTRL Datasheet HTML 15Page - Analog Devices AD9875BSTRL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
AD9875
–12–
1MHz
10MHz
100MHz
10.8MHz
0
LOG MAG
5dB/REF 0dB
–3.0dB
TPC 21. Rx LPF Frequency Response, Low fC Nominal
Tuning Targets
26.5MHz
1MHz
10MHz
100MHz
0
LOG MAG
5dB/REF 0dB
–3.0dB
TPC 22. Rx LPF Frequency Response, High fC Nominal
Tuning Targets
14.5MHz
1MHz
10MHz
100MHz
0
LOG MAG
5dB/REF 0dB
–3.0dB
TPC 23. Rx LPF Frequency Response, Low fC, 0
60 and
0
96 Tuning Targets
9.0MHz
1MHz
10MHz
100MHz
0
DELAY
10ns/REF 0s
72.188ns
TPC 24. Rx LPF Group Delay, Low fC Nominal Tuning
Targets
22.5MHz
1MHz
10MHz
100MHz
0
DELAY
5ns/REF 0s
34.431ns
TPC 25. Rx LPF Group Delay, High fC, Nominal Tuning
Targets
1MHz
10MHz
100MHz
0
14.5MHz
DELAY
10ns/REF 0s
51.244ns
TPC 26. Rx LPF Group Delay, Low fC, 0
60 and 0
96
Tuning Targets
Typical AC Characterization Curves for Rx Path (f
ADC = 32 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com