Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9875BSTRL Datasheet(PDF) 2 Page - Analog Devices

Part # AD9875BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875BSTRL Datasheet(HTML) 2 Page - Analog Devices

  AD9875BSTRL Datasheet HTML 1Page - Analog Devices AD9875BSTRL Datasheet HTML 2Page - Analog Devices AD9875BSTRL Datasheet HTML 3Page - Analog Devices AD9875BSTRL Datasheet HTML 4Page - Analog Devices AD9875BSTRL Datasheet HTML 5Page - Analog Devices AD9875BSTRL Datasheet HTML 6Page - Analog Devices AD9875BSTRL Datasheet HTML 7Page - Analog Devices AD9875BSTRL Datasheet HTML 8Page - Analog Devices AD9875BSTRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD9875–SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
OSC IN CHARACTERISTICS
Frequency Range
Full
II
10
64
MHz
Duty Cycle
25
°C
II
405060
%
Input Capacitance
25
°C
III
3
pF
Input Impedance
25
°C
III
100
M
Ω
CLOCK OUTPUT CHARACTERISTICS
CLKA Jitter (fCLKA Derived from PLL)
25
°C
III
14
ps rms
CLKA Duty Cycle
25
°C
III
50
±5%
CLKB Jitter (fCLKB Derived from PLL)
25
°C
III
33
ps rms
CLKB Duty Cycle
25
°C
III
50
±5%
Tx CHARACTERISTICS
Tx Path Latency, 4
× Interpolation
Full
II
82
fDAC Cycles
Interpolation Filter Bandwidth (–0.1 dB)
4
× Interpolation, LPF
Full
II
13
MHz
2
× Interpolation, LPF
Full
II
26
MHz
TxDAC
Resolution
Full
II
10
Bits
Conversion Rate
Full
II
10
128
MHz
Full-Scale Output Current
Full
II
2
10
20
mA
Voltage Compliance Range
Full
II
–0.5
+1.5
V
Gain Error
Full
II
–5
±2+5
% FS
Output Offset
Full
II
0
7
19
µA
Differential Nonlinearity
25
°C
III
0.5
LSB
Integral Nonlinearity
25
°C
III
1
LSB
Output Capacitance
25
°C
III
5
pF
Phase Noise @ 1 kHz Offset, 10 MHz Signal
25
°C
III
–90
dBc/Hz
Signal-to-Noise and Distortion (SINAD)
10 MHz Analog Out AD9875 (20 MHz BW)
Full
I
59
61
dB
Wideband SFDR (to Nyquist, 64 MHz Max)
25
°C
III
5 MHz Analog Out
25
°C
III
78
dBc
10 MHz Analog Out
25
°C
III
72
dBc
Narrowband SFDR (3 MHz Window):
10 MHz Analog Out
25
°C
III
80
dBc
IMD (f1 = 6.9 MHz, f2 = 7.1 MHz)
25
°C
III
–76
dBFS
Rx PATH CHARACTERISTICS
Resolution
Full
II
10
Bits
Conversion Rate
Full
II
7.5
55
MHz
Pipeline Delay, ADC Clock Cycles
Full
II
5.5
Cycles
DC Accuracy
Differential Nonlinearity
25
°C
II
–1.0
±0.25
+1.0
LSB
Integral Nonlinearity
25
°C
II
–2.0
±0.5
+2.0
LSB
Dynamic Performance
(AIN = –0.5 dBFS, f = 5 MHz)
@ fOSCIN = 32 MHz
Signal-to-Noise and Distortion Ratio (SINAD)
25
°C
III
59.6
dB
Effective Number of Bits (ENOB)
25
°C
III
9.5
Bits
Signal-to-Noise Ratio (SNR)
25
°C
III
60
dB
Total Harmonic Distortion (THD)
25
°C
III
–65
dB
Spurious Free Dynamic Range (SFDR)
25
°C
III
68
dB
Dynamic Performance
(AIN = –0.5 dBFS, f = 10 MHz)
@ FPLLB/2 = 50 MHz
Signal-to-Noise and Distortion Ratio (SINAD)
25
°C
III
54
dB
Effective Number of Bits (ENOB)
25
°C
III
8.6
Bits
Signal-to-Noise Ratio (SNR)
25
°C
III
55
dB
Total Harmonic Distortion (THD)
25
°C
III
–61
dB
Spurious Free Dynamic Range (SFDR)
25
°C
III
68
dB
(VS = 3.3 V
10%, fOSCIN = 32 MHz, fDAC = 128 MHz, Gain = –6 dB, RSET = 4.02 k ,
100
DAC single-ended load, unless otherwise noted. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com